Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2354
Description  2A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2354 Datasheet HTML 1Page - Monolithic Power Systems MP2354 Datasheet HTML 2Page - Monolithic Power Systems MP2354 Datasheet HTML 3Page - Monolithic Power Systems MP2354 Datasheet HTML 4Page - Monolithic Power Systems MP2354 Datasheet HTML 5Page - Monolithic Power Systems MP2354 Datasheet HTML 6Page - Monolithic Power Systems MP2354 Datasheet HTML 7Page - Monolithic Power Systems MP2354 Datasheet HTML 8Page - Monolithic Power Systems MP2354 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2354 – 2A, 23V, 380KHz STEP-DOWN CONVERTER
MP2354 Rev. 1.4
www.MonolithicPower.com
3
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
RUN Shutdown Threshold
ICC > 100µA
0.7
1.0
1.3
V
RUN Pull Up Current
VRUN = 0V
1.0
1.3
µA
EN UVLO Threshold Rising
VEN Rising
2.37
2.5
2.62
V
EN UVLO Threshold
Hysteresis
210
mV
Supply Current (Shutdown)
VRUN ≤ 0.4V
20
35
µA
Supply Current (Quiescent)
VRUN ≥ 2.8V, VFB = 1.5V
1.0
1.2
mA
Thermal Shutdown
155
°C
Note:
4) Equivalent output current = 1.5A ≥ 50% Duty Cycle
2.0A ≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.
Slope compensation changes current limit above 40% duty cycle.
PIN FUNCTIONS
Pin #
Name
Description
1
SYNC
Synchronization Input. This pin is used to synchronize the internal oscillator frequency to an
external source. There is an internal 11kΩ pull down resistor to GND, therefore leave SYNC
unconnected if unused.
2
BST
Bootstrap (C5). This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between LX and BST pins to form a floating supply across the power
switch driver. The voltage across C5 is about 5V and is supplied by the internal +5V supply
when the LX pin voltage is low.
3
VIN
Supply Voltage. The MP2354 operates from a +4.75V to +23V unregulated input. C1 is needed
to prevent large voltage spikes from appearing at the input.
4
LX
Switch. This connects the inductor to either VIN through M1 or to GND through M2.
5
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
6
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage. To prevent current limit run away during a short circuit fault condition the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is below
700mV.
7
COMP
Compensation. This node is the output of the transconductance error amplifier and the input to
the current comparator. Frequency compensation is done at this node by connecting a series
R-C to ground. See the Compensation section for exact details.
8
RUN
Enable/UVLO. A voltage greater than 2.62V enables operation. Leave RUN unconnected for
automatic startup. An Under Voltage Lockout (UVLO) function can be implemented by the
addition of a resistor divider from VIN to GND. For complete low current shutdown it’s the RUN
pin voltage needs to be less than 700mV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com