Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2354
Description  2A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2354 Datasheet HTML 2Page - Monolithic Power Systems MP2354 Datasheet HTML 3Page - Monolithic Power Systems MP2354 Datasheet HTML 4Page - Monolithic Power Systems MP2354 Datasheet HTML 5Page - Monolithic Power Systems MP2354 Datasheet HTML 6Page - Monolithic Power Systems MP2354 Datasheet HTML 7Page - Monolithic Power Systems MP2354 Datasheet HTML 8Page - Monolithic Power Systems MP2354 Datasheet HTML 9Page - Monolithic Power Systems MP2354 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2354 – 2A, 23V, 380KHz STEP-DOWN CONVERTER
MP2354 Rev. 1.4
www.MonolithicPower.com
6
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
MP2354_TAC_F02
MP2354
LX
VIN
BST
FB
SYNC
COMP
GND
RUN
OUTPUT
2.5V / 2A
INPUT
4.75V to 23V
OPEN
IF NOT USED
OPEN
AUTOMATIC
STARTUP
C6
OPEN
C3
3.3nF
C5
10nF
D1
B230A
32
4
6
7
5
1
8
Figure 2—Typical Application Circuit
Sync Pin Operation
The SYNC pin driving waveform should be a
square wave with a rise time less than 20ns.
Minimum High voltage level is 2.7V. Low level
is less than 0.8V. The frequency of the external
sync signal needs to be greater than 445KHz.
A rising edge on the SYNC pin forces a reset of
the oscillator. The upper transistor M1 is
switched off immediately if it is not already off.
250ns later M1 turns on connecting LX to VIN.
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output to FB (see
Figure 2). The voltage divider divides the output
voltage down by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
×
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
(
)
2
R
2
R
1
R
23
.
1
VOUT
+
×
=
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using that value, R1 is determined by:
()( )
Ω
−
×
=
k
23
.
1
V
18
.
8
1
R
OUT
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 17kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current. A good rule for
determining the inductance to use is to allow
the peak-to-peak ripple current in the inductor
to be approximately 30% of the maximum
switch current limit. Also, make sure that the
peak inductor current is below the maximum
switch current limit. The inductance value can
be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
L
S
OUT
V
V
1
∆I
f
V
L
Where VIN is the input voltage, fS is the 380KHz
switching frequency, and ∆IL is the peak-to-
peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
L
f
2
V
I
I
Where ILOAD is the load current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com