Electronic Components Datasheet Search
  English  ▼

X  

SA7026 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA7026
Description  1.3GHz low voltage fractional-N dual frequency synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7026 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA7026 Datasheet HTML 8Page - NXP Semiconductors SA7026 Datasheet HTML 9Page - NXP Semiconductors SA7026 Datasheet HTML 10Page - NXP Semiconductors SA7026 Datasheet HTML 11Page - NXP Semiconductors SA7026 Datasheet HTML 12Page - NXP Semiconductors SA7026 Datasheet HTML 13Page - NXP Semiconductors SA7026 Datasheet HTML 14Page - NXP Semiconductors SA7026 Datasheet HTML 15Page - NXP Semiconductors SA7026 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Philips Semiconductors
Product specification
SA7026
1.3GHz low voltage fractional-N dual synthesizer
1999 Nov 04
12
Data format
Table 1. Format of programmed data
Last In
MSB
Serial Programming Format
First In LSB
p23
p22
p21
p20
../..
../..
p1
p0
Table 2. A word, length 24 bits
Last In
MSB
LSB
First In
Address
fmod
Fractional-N
Main Divider ratio
Spare
0
0
FM
NF2
NF1
NF0
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
SK1
SK2
Default
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
A word select
Fixed to 00.
Fractional Modulus select
FM 0 = modulo 8, 1 = modulo 5.
Fractional-N Increment
NF2..0 Fractional N Increment values 000 to 111.
N-Divider
N0..N15, Main divider values 512 to 65535 allowed for divider ratio.
Table 3. B word, length 24 bits
Address
Reference Divider
Lock
PD
Fractional Compensation DAC
0
1
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
L1
L0
Main
Aux
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
Default
0
0
0
1
0
1
0
0
0
1
0
0
1
1
0
1
0
1
0
0
0
0
B word select
Fixed to 01
R-Divider
R0..R9, Reference divider values 4 to 1023 allowed for divider ration.
Lock detect output
L1 L0
0 0
Combined main, aux. lock detect signal present at the LOCK pin (push/pull).
0 1
Combined main, aux, lock detect signal present at the LOCK pin (open drain).
1 0
Main lock detect signal present at the LOCK pin (push/pull).
1 1
Auxiliary loop lock detect signal present at the LOCK pin (push/pull).
When auxiliary loop and main loop are in power down mode, the lock indicator is low.
Power down
Main = 1: power to N-divider, reference divider, main charge pumps, Main = 0 to power down.
Aux = 1: power to Aux divider, reference divider, aux charge pump, Aux = 0 to power down.
Fractional Compensation
FC7..0 Fractional Compensation charge pump current DAC, values 0 to 255.
Table 4. C word, length 24 bits
Address
Auxiliary Divider
CP
SM
SA
1
0
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CP1
CP0
SM2
SM1
SM0
SA2
SA1
SA0
Default
0
0
0
0
0
1
1
1
0
0
1
0
1
0
1
1
0
0
0
0
0
0
C word select
Fixed to 10
A-Divider
A0..A13, Auxiliary divider values 128 to 16383 allowed for divider ratio.
Charge pump current Ratio
CP1, CP0: Charge pump current ratio, see table of charge pump currents.
Main comparison select
SM
comparison divider select for main phase detector.
Aux comparison select
SA
Comparison divider select for auxiliary phase detector.
Table 5. D word, length 24 bits
Address
Synthesizer Test Bits
Synthesizer Test Bits
1
1
0
–
–
–
–
–
Tspu
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tspu: Speed up = 1
Forces the main charge pumps in speed-up mode all the time.
NOTE: All test bits must be set to 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com