Electronic Components Datasheet Search
  English  ▼

X  

SA7026 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA7026
Description  1.3GHz low voltage fractional-N dual frequency synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7026 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA7026 Datasheet HTML 9Page - NXP Semiconductors SA7026 Datasheet HTML 10Page - NXP Semiconductors SA7026 Datasheet HTML 11Page - NXP Semiconductors SA7026 Datasheet HTML 12Page - NXP Semiconductors SA7026 Datasheet HTML 13Page - NXP Semiconductors SA7026 Datasheet HTML 14Page - NXP Semiconductors SA7026 Datasheet HTML 15Page - NXP Semiconductors SA7026 Datasheet HTML 16Page - NXP Semiconductors SA7026 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product specification
SA7026
1.3GHz low voltage fractional-N dual synthesizer
1999 Nov 04
13
TYPICAL PERFORMANCE CHARACTERISTICS
SR01855
3000
2000
1000
0
–1000
–2000
–3000
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
COMPLIANCE VOLTAGE (V)
ISET = 206.67 mA
ISET = 206.67 mA
ISET = 165.33 mA
ISET = 165.33 mA
ISET = 103.33 mA
ISET = 103.33 mA
ISET = 51.67 mA
ISET = 51.67 mA
Figure 9.
PHI Charge Pump vs. ISET
(CP = 01; Temp = 25
_C)
SR01856
2500
2000
1500
1000
500
0
–500
–1000
–1500
–2000
–2500
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
3.25 3.5
COMPLIANCE VOLTAGE (V)
–40
_C
+85
_C
+25
_C
Figure 10.
PHI Charge Pump Output vs. Temperature
(CP = 01; VDD = 3.0 V; ISET = 165.33 mA)
SR01857
8000
6000
4000
2000
0
–2000
–4000
–6000
–8000
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
COMPLIANCE VOLTAGE (V)
ISET = 206.67 mA
ISET = 165.33 mA
ISET = 103.33 mA
ISET = 51.67 mA
ISET = 51.67 mA
ISET = 103.33 mA
ISET = 165.33 mA
ISET = 206.67 mA
Figure 11.
PHI Charge Pump vs. ISET
(CP = 00; TEMP = 25
_C)
SR01858
8000
6000
4000
2000
0
–2000
–4000
–6000
–8000
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5
COMPLIANCE VOLTAGE (V)
–40
_C
+85
_C
+25
_C
Figure 12.
PHI Charge Pump Output vs. Temperature
(CP = 00; VDD = 3.0 V; ISET = 165.33 mA)
SR01859
800
600
400
200
0
–200
–400
–600
–800
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
3
COMPLIANCE VOLTAGE (V)
ISET = 206.67 mA
ISET = 165.33 mA
ISET = 103.33 mA
ISET = 51.67 mA
ISET = 51.67 mA
ISET = 103.33 mA
ISET = 165.33 mA
ISET = 206.67 mA
Figure 13.
PHP Charge Pump Output vs. ISET
(CP = 10; Temp = 25
_C)
SR01860
600
400
200
0
–200
–400
–600
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5
COMPLIANCE VOLTAGE (V)
–40
_C
+85
_C
+25
_C
Figure 14.
PHP Charge Pump Output vs. Temperature
(CP = 10; VDD = 3.0 V; ISET = 165.33 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com