Electronic Components Datasheet Search
  English  ▼

X  

XRD9825 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD9825
Description  16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9825 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD9825 Datasheet HTML 3Page - Exar Corporation XRD9825 Datasheet HTML 4Page - Exar Corporation XRD9825 Datasheet HTML 5Page - Exar Corporation XRD9825 Datasheet HTML 6Page - Exar Corporation XRD9825 Datasheet HTML 7Page - Exar Corporation XRD9825 Datasheet HTML 8Page - Exar Corporation XRD9825 Datasheet HTML 9Page - Exar Corporation XRD9825 Datasheet HTML 10Page - Exar Corporation XRD9825 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
XRD9825
7
Rev. 1.00
ELECTRICAL CHARACTERISTICS (CONT'D)
Test Conditions: AV
DD=DVDD=5V, ADCCLK=12MHz, 50% Duty Cycle, TA=25°C unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Digital Output Specifications
V
OH
Output High Voltage
80
% DV
DD
I
L = 1mA
V
OL
Output Low Voltage
20
% DV
DD
I
L = -1mA
I
OZ
Output High-Z Leakage Current
-10
10
µA
C
OUT
Output Capacitance
10
pF
SR
Slew Rate (10% to 90% DVDD)
2
15
ns
CL=10pF, DVDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com