Electronic Components Datasheet Search
  English  ▼

X  

XRT59L921 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT59L921
Description  TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L921 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT59L921 Datasheet HTML 9Page - Exar Corporation XRT59L921 Datasheet HTML 10Page - Exar Corporation XRT59L921 Datasheet HTML 11Page - Exar Corporation XRT59L921 Datasheet HTML 12Page - Exar Corporation XRT59L921 Datasheet HTML 13Page - Exar Corporation XRT59L921 Datasheet HTML 14Page - Exar Corporation XRT59L921 Datasheet HTML 15Page - Exar Corporation XRT59L921 Datasheet HTML 16Page - Exar Corporation XRT59L921 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
XRT59L921
11
REV. 1.2.1
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
C2
D3
F2
G3
J2
K3
M2
N3
R2
T3
V2
V19
T18
R19
N18
M19
K18
J19
G18
F19
D18
TGND_0
TGND_1
TGND_2
TGND_3
TGND_4
TGND_5
TGND_6
TGND_7
TGND_8
TGND_9
TGND_10
TGND_11
TGND_12
TGND_13
TGND_14
TGND_15
TGND_16
TGND_17
TGND_18
TGND_19
TGND_20
-
Digital Ground. Transmitter_n
C5
E3
F5
H3
J5
L3
M5
P3
R5
U3
V5
V16
U18
R16
P18
M16
L18
J16
H18
F16
E18
TVDD_0
TVDD_1
TVDD_2
TVDD_3
TVDD_4
TVDD_5
TVDD_6
TVDD_7
TVDD_8
TVDD_9
TVDD_10
TVDD_11
TVDD_12
TVDD_13
TVDD_14
TVDD_15
TVDD_16
TVDD_17
TVDD_18
TVDD_19
TVDD_20
-
Positive Supply (+3.3V ± 5%), Transmitter_n
PIN DESCRIPTIONS
PIN#
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com