Electronic Components Datasheet Search
  English  ▼

X  

XRT59L921 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT59L921
Description  TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L921 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT59L921 Datasheet HTML 17Page - Exar Corporation XRT59L921 Datasheet HTML 18Page - Exar Corporation XRT59L921 Datasheet HTML 19Page - Exar Corporation XRT59L921 Datasheet HTML 20Page - Exar Corporation XRT59L921 Datasheet HTML 21Page - Exar Corporation XRT59L921 Datasheet HTML 22Page - Exar Corporation XRT59L921 Datasheet HTML 23Page - Exar Corporation XRT59L921 Datasheet HTML 24Page - Exar Corporation XRT59L921 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
XRT59L921
19
REV. 1.2.1
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
NOTES:
1.
Figure 7 and Figure 8, indicate that for both 75Ω and 120Ω applications, the user should connect a 9.1Ω
resistor, in series, between the TTIP/TRing outputs and the transformers.
2. Figure 5 and 6, indicate that the user should use a 1:2 STEP-UP Transformer.
FIGURE 7. ILLUSTRATION OF HOW TO INTERFACE THE TRANSMIT SECTIONS OF THE XRT59L921 TO THE LINE (FOR
75
Ω APPLICATIONS)
FIGURE 8. ILLUSTRATION OF HOW TO INTERFACE THE TRANSMIT SECTIONS THE XRT59L921 TO THE LINE (FOR
120
Ω APPLICATIONS)
TRANSMIT TRANSFORMER RECOMMENDATIONS
PARAMETER
VALUE
Turns Ratio
1:2
Primary Inductance
Isolation Voltage
Leakage Inductance
9.1
Ω
9.1
Ω
TxPOS_n
TxNEG_n
TxClk_n
XRT59L921
TxClk_n
TxPOS_n
TxNEG_n
TTIP_n
TRING_n
1:2
Coaxial cable
9.1
Ω
9.1
Ω
TxPOS_n
TxNEG_n
TxClk_n
XRT59L921
TxClk_n
TxPOS_n
TxNEG_n
TTIP_n
TRING_n
TRING_Channel_n
TTIP_Channel_n
1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com