Electronic Components Datasheet Search
  English  ▼

X  

SA8026 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA8026
Description  2.5GHz low voltage fractional-N dual frequency synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8026 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA8026 Datasheet HTML 5Page - NXP Semiconductors SA8026 Datasheet HTML 6Page - NXP Semiconductors SA8026 Datasheet HTML 7Page - NXP Semiconductors SA8026 Datasheet HTML 8Page - NXP Semiconductors SA8026 Datasheet HTML 9Page - NXP Semiconductors SA8026 Datasheet HTML 10Page - NXP Semiconductors SA8026 Datasheet HTML 11Page - NXP Semiconductors SA8026 Datasheet HTML 12Page - NXP Semiconductors SA8026 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
SA8026
2.5GHz low voltage fractional-N dual frequency
synthesizer
1999 Nov 04
9
Main Output Charge Pumps and Fractional
Compensation Currents (see Figure 6)
The main charge pumps on pins PHP and PHI are driven by the
main phase detector and the charge pump current values are
determined by the current at pin RSET in conjunction with bits CP0,
CP1 in the C-word (see table of charge pump ratios). The fractional
compensation is derived from the current at RSET, the contents of
the fractional accumulator FRD and by the program value of the
FDAC. The timing for the fractional compensation is derived from
the main divider. The main charge pumps will enter speed up mode
after the A-word is set and strobe goes High. When strobe goes
Low, charge pump will exit speed up mode.
Principle of Fractional Compensation
The fractional compensation is designed into the circuit as a means
of reducing or eliminating fractional spurs that are caused by the
fractional phase ripple of the main divider. If ICOMP is the
compensation current and IPUMP is the pump current, then for each
charge pump:
IPUMP_TOTAL = IPUMP + ICOMP.
The compensation is done by sourcing a small current, ICOMP, see
Figure 7, that is proportional to the fractional error phase. For proper
fractional compensation, the area of the fractional compensation
current pulse must be equal to the area of the fractional charge
pump ripple. The width of the fractional compensation pulse is fixed
to 128 VCO cycles, the amplitude is proportional to the fractional
accumulator value and is adjusted by FDAC values (bits FC7–0 in
the B-word). The fractional compensation current is derived from the
main charge pump in that it follows all the current scaling through
external resistor setting, RSET, programming or speed-up operation.
For a given charge pump,
ICOMP = ( IPUMP / 128 ) * ( FDAC / 5*128) * FRD
FRD is the fractional accumulator value.
The target values for FDAC are: 128 for FMOD = 1 (modulo 5) and
80 for FMOD = 0 (modulo 8).
SR01416
REFERENCE R
MAIN M
DIVIDE RATIO
DETECTOR
OUTPUT
ACCUMULATOR
FRACTIONAL
COMPENSATION
CURRENT
OUTPUT ON
PUMP
N
N
N+1
N
N+1
24
1
3
0
PULSE
WIDTH
MODULATION
PULSE LEVEL
MODULATION
mA
µA
NOTE: For a proper fractional compensation, the area of the fractional compensation current pulse must be equal to the area of the charge pump ripple output.
Figure 6.
Waveforms for NF = 2 Modulo 5
→ fraction = 2/5
SR01800
fRF
MAIN DIVIDER
FRACTIONAL
ACCUMULATOR
fREF
ICOMP
IPUMP
LOOP FILTER
& VCO
Σ
Figure 7.
Current Injection Concept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com