Electronic Components Datasheet Search
  English  ▼

X  

B4052 Datasheet(PDF) 1 Page - EPCOS

Part # B4052
Description  SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4052 Datasheet(HTML) 1 Page - EPCOS

  B4052 Datasheet HTML 1Page - EPCOS B4052 Datasheet HTML 2Page - EPCOS B4052 Datasheet HTML 3Page - EPCOS B4052 Datasheet HTML 4Page - EPCOS B4052 Datasheet HTML 5Page - EPCOS B4052 Datasheet HTML 6Page - EPCOS B4052 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Filters for Cordless Phones
Series/Type:
B4052
The following products presented in this data sheet are being withdrawn.
For further information please contact your nearest EPCOS sales office, which will also support
you in selecting a suitable substitute. The addresses of our worldwide sales network are
presented at www.epcos.com/sales.
Ordering Code
Substitute Product
Date of
Withdrawal
Deadline Last
Orders
Last Shipments
B39451B4052U410
2004-05-19
2004-09-30
2004-12-31


Similar Part No. - B4052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4050 ETC-B4050 Datasheet
81Kb / 5P
Low Loss Filter
logo
EPCOS
B4050 EPCOS-B4050 Datasheet
61Kb / 6P
SAW RF filter GPS
B4053 EPCOS-B4053 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 465,0 MHz
B4057 EPCOS-B4057 Datasheet
59Kb / 5P
SAW Components Low Loss Filter 1228.0 MHz
B4058 EPCOS-B4058 Datasheet
60Kb / 5P
SAW Components Low Loss Filter 1575.0 MHz
More results

Similar Description - B4052

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4131 EPCOS-B4131 Datasheet
68Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4152 EPCOS-B4152 Datasheet
69Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com