Electronic Components Datasheet Search
  English  ▼

X  

B4052 Datasheet(PDF) 5 Page - EPCOS

Part # B4052
Description  SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4052 Datasheet(HTML) 5 Page - EPCOS

  B4052 Datasheet HTML 1Page - EPCOS B4052 Datasheet HTML 2Page - EPCOS B4052 Datasheet HTML 3Page - EPCOS B4052 Datasheet HTML 4Page - EPCOS B4052 Datasheet HTML 5Page - EPCOS B4052 Datasheet HTML 6Page - EPCOS B4052 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
Jul 19, 2000
SAW Components
B4052
447,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T = -30 to +70 ˚C
Terminating source impedance:
ZS =
50
Ω
Terminating load impedance:
ZL =
50
Ω
min.
typ.
max.
Center frequency
fc
—
447,0
—
MHz
Maximum insertion attenuation
α
max
444,00 ... 450,00 MHz
—
3,4
3,8
dB
Amplitude ripple (p-p)
∆α
444,00 ... 450,00 MHz
—
1,3
1,8
dB
Attenuation
α
min
100,00 ... 407.20 MHz
52,0
62,0
—
dB
407,20 ... 433,30 MHz
42,0
50,0
—
dB
433,30 ... 439,30 MHz
20,0
26,0
—
dB
467,00 ... 484,00 MHz
20,0
30,0
—
dB
484,00 ... 1000,00 MHz
45,0
55,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com