Electronic Components Datasheet Search
  English  ▼

X  

SDA2500F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA2500F
Description  0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA2500F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA2500F Datasheet HTML 1Page - Solid States Devices, Inc SDA2500F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
B
A
PRELIMINARY
ELECTRICAL CHARACTERISTIC 1/
SYMBOL
UNITS
MAXIMUM
Reverse Leakage Current
(Rated VR, 300:s pulse minimum )
IR2
mA
0.25
2
:A
IR1
Reverse Leakage Current
(Rated VR, TA = 100oC, 300:s pulse minimum )
Instantaneous Forward Voltage Drop
(IF = 0.5A, 300 - 500:sec pulse)
4.5
7.5
12.0
15.0
19.5
22.5
30.0
37.5
Vdc
VF1
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
180
nsec
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
SOLID STATE DEVICES, INC.
CASE OUTLINE: HV STICK
SDA2500F
thru
SDA25000F
1/ TA = 25oC, Unless otherwise specified
SDA2500F
SDA5000F
SDA7500F
SDA10000F
SDA12500F
SDA15000F
SDA20000F
SDA25000F
PART NUMBER
A
6.030
B
6.020
C
6.010
SDA2500F
1.125
0.500
0.250
SDA10000F
2.000
SDA12500F
2.375
SDA15000F
2.750
SDA20000F
3.500
SDA25000F
4.250
SDA7500F
1.625
SDA5000F
1.125
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com