Electronic Components Datasheet Search
  English  ▼

X  

SDA2500F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA2500F
Description  0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA2500F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA2500F Datasheet HTML 1Page - Solid States Devices, Inc SDA2500F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
HV STICK
0.5 AMPS
2.5kV thru 25kV
FAST RECOVERY
RECTIFIER ASSEMBLY
SDA2500F
thru
SDA25000F
• Average Output Current 0.5Amps
• 2500 to 25000 V Blocking Voltage
• Ultrafast Recovery: 180 nsec Maximum
• Low Reverse Leakage Current
• Corona Free Construction
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Superior Thermal Shock Resistance
• TX and TXV Level Screening Available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
0.5
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TA = 25oC, No Heatsink)
25
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC, per leg)
oC
-55 TO +150
TOP & Tstg
Operating and Storage Temperature
2500
5000
7500
10000
12500
15000
20000
25000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
SDA2500F
SDA5000F
SDA7500F
SDA10000F
SDA12500F
SDA15000F
SDA20000F
SDA25000F
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0007A


Similar Part No. - SDA2500F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA25000 SSDI-SDA25000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA25000UF SSDI-SDA25000UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SDA2500UF SSDI-SDA2500UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA2500F

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1A JGD-FS1A Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
FS2A JGD-FS2A Datasheet
175Kb / 3P
1.5 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Solid States Devices, I...
SDAH2500UF SSDI-SDAH2500UF Datasheet
38Kb / 2P
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SDA2500UF SSDI-SDA2500UF Datasheet
52Kb / 2P
0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CUDD8-02 CENTRAL-CUDD8-02_10 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 8 AMPS, 200 THRU 800 VOLTS
logo
Solid States Devices, I...
SDAH2500F SSDI-SDAH2500F Datasheet
115Kb / 2P
FAST RECOVERY RECTIFIER ASSEMBLY
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
logo
Solid States Devices, I...
RA0007 SSDI-RA0007_15 Datasheet
56Kb / 2P
FAST RECOVERY RECTIFIER ASSEMBLY
logo
Chongqing Pingwei Enter...
R1200F CHONGQING-R1200F_16 Datasheet
177Kb / 1P
0.5&0.2AMPS. FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com