Electronic Components Datasheet Search
  English  ▼

X  

B4219 Datasheet(PDF) 8 Page - EPCOS

Part # B4219
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4219 Datasheet(HTML) 8 Page - EPCOS

Back Button B4219 Datasheet HTML 4Page - EPCOS B4219 Datasheet HTML 5Page - EPCOS B4219 Datasheet HTML 6Page - EPCOS B4219 Datasheet HTML 7Page - EPCOS B4219 Datasheet HTML 8Page - EPCOS B4219 Datasheet HTML 9Page - EPCOS B4219 Datasheet HTML 10Page - EPCOS B4219 Datasheet HTML 11Page - EPCOS B4219 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Feb 06, 2002
SAW Components
B4219
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Preliminary Data Sheet
Characteristics of AMPS Rx filter
Operating temperature range:
T
= -30 to +70 ˚C *
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
* all values also fulfill the temperature range -30 to +85 ˚C
min.
typ.
max.
Center frequency
fc
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,0... 894,0MHz
—
2,5
3,0
dB
Amplitude ripple (p-p)
∆α
869,0...894,0MHz
—
0,9
1,4
dB
Input return loss
869,0... 894,0 MHz
10,0
12,0
—
dB
Output return loss
869,0... 894,0 MHz
10,0
13,0
—
dB
Attenuation
α
30,0... 824,0MHz
35,0
42,0
—
dB
1050,0... 1080,0MHz
38,0
42,0
—
dB
1080,0... 2300,0MHz
30,0
31,5
—
dB
2300,0... 2600,0MHz
25,0
30,0
—
dB
Tx band suppression
824,0... 849,0MHz
35,0
40,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com