Electronic Components Datasheet Search
  English  ▼

X  

B4219 Datasheet(PDF) 3 Page - EPCOS

Part # B4219
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4219 Datasheet(HTML) 3 Page - EPCOS

  B4219 Datasheet HTML 1Page - EPCOS B4219 Datasheet HTML 2Page - EPCOS B4219 Datasheet HTML 3Page - EPCOS B4219 Datasheet HTML 4Page - EPCOS B4219 Datasheet HTML 5Page - EPCOS B4219 Datasheet HTML 6Page - EPCOS B4219 Datasheet HTML 7Page - EPCOS B4219 Datasheet HTML 8Page - EPCOS B4219 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Feb 06, 2002
SAW Components
B4219
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Preliminary Data Sheet
Characteristics of PCS Rx filter
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0... 1990,0MHz
—
3,7
4,3
dB
Amplitude ripple (p-p)
∆α
1930,0... 1990,0MHz
—
1,9
2,5
dB
Input return loss
1930,0... 1990,0 MHz
10,0
11,5
—
dB
Output return loss
1930,0... 1990,0 MHz
10,0
11,5
—
dB
Attenuation
α
30,0... 1850,0 MHz
20,0
22,0
—
dB
2110,0... 2400,0 MHz
20,0
31,0
—
dB
Tx band suppression
1850,0... 1910,0 MHz
13,0
20,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com