Electronic Components Datasheet Search
  English  ▼

X  

B4223 Datasheet(PDF) 2 Page - EPCOS

Part # B4223
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4223 Datasheet(HTML) 2 Page - EPCOS

  B4223 Datasheet HTML 1Page - EPCOS B4223 Datasheet HTML 2Page - EPCOS B4223 Datasheet HTML 3Page - EPCOS B4223 Datasheet HTML 4Page - EPCOS B4223 Datasheet HTML 5Page - EPCOS B4223 Datasheet HTML 6Page - EPCOS B4223 Datasheet HTML 7Page - EPCOS B4223 Datasheet HTML 8Page - EPCOS B4223 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Jun 25, 2003
SAW Components
B4223
881,5 / 1960 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Ceramic package QCC8E
1,0 1,0
0,5
1,0
bottom view
side view
top view
3,0
5
6
7
1
2
3
Features
s
Low-loss
RF
filter
for
mobile
telephone
GSM 850 and GSM 1900 system, receive path
s
Usable Passband
Filter 1 (GSM 850):
25 MHz
Filter 2 (GSM 1900): 60 MHz
s
50
Ω ports for both filters
s
Unbalanced to unbalanced operation
s
Ceramic package for Surface Mounted Device
(SMD)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 27mg
Pin configuration
1
GSM 850 Input
7
GSM 850 Output
2,4,6,8
Ground
3
GSM 1900 Input
5
GSM 1900 Output
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4223
B39202-B4223-H410
C61157-A7-A92
F61074-V8129-Z0000
Maximum ratings
Operating temperature range
T
– 20/+ 80
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
2,86
V
Input power max
824...849 MHz
1850...1910 MHz
PIN
15
12
dBm
dBm
Source and load impedance 50
Ω
1:4 duty cycle
1:4 duty cycle
1
2,4
3
7
6,8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com