Electronic Components Datasheet Search
  English  ▼

X  

B4223 Datasheet(PDF) 3 Page - EPCOS

Part # B4223
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4223 Datasheet(HTML) 3 Page - EPCOS

  B4223 Datasheet HTML 1Page - EPCOS B4223 Datasheet HTML 2Page - EPCOS B4223 Datasheet HTML 3Page - EPCOS B4223 Datasheet HTML 4Page - EPCOS B4223 Datasheet HTML 5Page - EPCOS B4223 Datasheet HTML 6Page - EPCOS B4223 Datasheet HTML 7Page - EPCOS B4223 Datasheet HTML 8Page - EPCOS B4223 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Jun 25, 2003
SAW Components
B4223
881,5 / 1960 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1 (GSM 850)
Operating temperature range
T
=25
± 2˚C
Terminating source impedance
ZS
=50
Ω
Terminating load impedance
ZL
=50
Ω
min.
typ.
max.
Center frequency
fc
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869 ... 894 MHz
—
2,5
2,8
dB
Amplitude ripple
∆α
869 ... 894 MHz
—
0,9
1,2
dB
Input return loss
869 ... 894 MHz
10,0
15,5
—
dB
Output return loss
869 ... 894 MHz
10,0
15,5
—
dB
Attenuation
α
0 ... 824 MHz
35
40
—
dB
824 ... 849 MHz (Tx)
30
34
—
dB
914 ... 916 MHz
25
27
—
dB
916 ... 965 MHz
26
30
—
dB
965 ...1200 MHz
35
38
—
dB
1200 ... 3700 MHz
27
30
—
dB
3700 ... 4000 MHz
20
27
—
dB
4000 ... 6000 MHz
4
6
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com