Electronic Components Datasheet Search
  English  ▼

X  

B4232 Datasheet(PDF) 3 Page - EPCOS

Part # B4232
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4232 Datasheet(HTML) 3 Page - EPCOS

  B4232 Datasheet HTML 1Page - EPCOS B4232 Datasheet HTML 2Page - EPCOS B4232 Datasheet HTML 3Page - EPCOS B4232 Datasheet HTML 4Page - EPCOS B4232 Datasheet HTML 5Page - EPCOS B4232 Datasheet HTML 6Page - EPCOS B4232 Datasheet HTML 7Page - EPCOS B4232 Datasheet HTML 8Page - EPCOS B4232 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Nov 3, 2004
SAW Components
B4232
769,0/860,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Data Sheet
Characteristics filter 1
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
860,5
MHz
Maximum insertion attenuation
α
max
851,0
... 870,0
MHz
2,1
2,5
dB
Amplitude ripple (p-p)
∆α
851,0
... 870,0
MHz
0,7
1,1
dB
Group delay ripple (p-p)
∆τ
851,0
... 870,0
MHz
20,0
50,0
ns
Return loss (Input and Output)
851,0
... 870,0
MHz
10,0
11,5
dB
Absolute attenuation
α
abs
0,1
... 483,0
MHz
57
60
dB
483,0
... 676,0
MHz
50
60
dB
676,0
... 724,0
MHz
40
64
dB
741,4
... 773,0
MHz
30
59
dB
804,0
... 822,0
MHz
20
42
dB
880,0
MHz
7
11
dB
898,0
... 918,0
MHz
20
40
dB
946,0
... 967,0
MHz
30
59
dB
1040,0
... 1070,0
MHz
46
54
dB
1070,0
... 1256,0
MHz
43
50
dB
1256,0
... 2000,0
MHz
30
40
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com