Electronic Components Datasheet Search
  English  ▼

X  

B4232 Datasheet(PDF) 6 Page - EPCOS

Part # B4232
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4232 Datasheet(HTML) 6 Page - EPCOS

  B4232 Datasheet HTML 1Page - EPCOS B4232 Datasheet HTML 2Page - EPCOS B4232 Datasheet HTML 3Page - EPCOS B4232 Datasheet HTML 4Page - EPCOS B4232 Datasheet HTML 5Page - EPCOS B4232 Datasheet HTML 6Page - EPCOS B4232 Datasheet HTML 7Page - EPCOS B4232 Datasheet HTML 8Page - EPCOS B4232 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Nov 3, 2004
SAW Components
B4232
769,0/860,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Data Sheet
Characteristics filter 2
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
769,0
MHz
Maximum insertion attenuation
α
max
762,0
... 776,0
MHz
1,7
2,4
dB
Amplitude ripple (p-p)
∆α
762,0
... 776,0
MHz
0,4
1,0
dB
Group delay ripple (p-p)
∆τ
762,0
... 776,0
MHz
22,0
50,0
ns
Return loss (Input and Output)
762,0
... 776,0
MHz
12,0
13,0
dB
Absolute attenuation
α
abs
0,0
... 431,0
MHz
57
60
dB
431,0
... 604,0
MHz
50
60
dB
604,0
... 690,0
MHz
30
62
dB
690,0
... 733,0
MHz
20
56
dB
733,0
... 752,0
MHz
9
18
dB
804,0
... 847,0
MHz
25
36
dB
847,0
... 892,7
MHz
30
54
dB
892,7
... 910,7
MHz
50
56
dB
910,7
... 995,3
MHz
47
54
dB
995,3
...1121,0
MHz
42
52
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com