Electronic Components Datasheet Search
  English  ▼

X  

B4811 Datasheet(PDF) 2 Page - EPCOS

Part # B4811
Description  SAW Components Low-Loss Filter 188,0 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4811 Datasheet(HTML) 2 Page - EPCOS

  B4811 Datasheet HTML 1Page - EPCOS B4811 Datasheet HTML 2Page - EPCOS B4811 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary format of data sheet
Terms of delivery and rights to change design reserved.
OFW EM EU
Page 2 of 3
Nov. 18, 1998
SAW Components
Data Sheet
B4811
188,0 MHz
Low-Loss Filter
Characteristics
Operating temperature range:
T
= -25 ˚C to + 75 ˚C
Terminating source impedance:
ZS = 580 Ω || 210 nH
Terminating load impedance:
ZL = 820 Ω || 255 nH
External coil
LC = 120 nH
1) Temperature dependance of f
c:
fc(T) = fc(T0)(1 + TCf(T – T0)
2)
min.
typ.
max.
Center frequency
fc
—
188,0
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
3,5
5,0
6,5
dB
(including matching network)
Variation in insertion loss
∆α
min
—
1,0
3,0
dB
Amplitude ripple in passband (p-p)
∆α
fc -60,0 kHz .. fc+60,0 kHz
—
1,0
2,0
dB
fc -80,0 kHz .. fc+80,0 kHz
—
1,5
3,0
dB
Group delay at fc
τ
3,0
4,0
5,0
µs
Group delay ripple (p-p)
∆τ
fc -80,0 kHz .. fc+80,0 kHz
—
1,0
1,5
µs
Relative attenuation (relative to
α
min)
α
rel
fc ± 200 kHz ... fc ± 300 kHz
6,5
8
—
dB
fc ± 300 kHz ... fc ± 400 kHz
18
25
—
dB
fc ± 400 kHz ... fc ± 600 kHz
30
40
—
dB
fc ± 600 kHz ... fc ± 1,6 MHz
35
48
—
dB
fc ± 1,6 MHz ... fc ± 3,0 MHz
36
50
—
dB
fc ± 3,0 MHz ... fc± 75,0 MHz
42
50
—
dB
fc - 12,0 MHz
50
55
—
dB
Impedance at 188,0 MHz
Input:
ZIN
=
RIN || CIN
—
580 ||3,4
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
820 ||2,8
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—20
—
˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com