Electronic Components Datasheet Search
  English  ▼

X  

B4811 Datasheet(PDF) 3 Page - EPCOS

Part # B4811
Description  SAW Components Low-Loss Filter 188,0 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4811 Datasheet(HTML) 3 Page - EPCOS

  B4811 Datasheet HTML 1Page - EPCOS B4811 Datasheet HTML 2Page - EPCOS B4811 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Preliminary format of data sheet
Terms of delivery and rights to change design reserved.
OFW EM EU
Page 3 of 3
Nov. 18, 1998
SAW Components
Data Sheet
B4811
188,0 MHz
Low-Loss Filter
Test matching network to 50
Ω (element values depend on pcb layout)
Transfer function
Cp1 = 12,0 pF
Cp4 = 10,0 pF
Ls2 = Ls3 = 82 nH
Lc = 120nH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com