Electronic Components Datasheet Search
  English  ▼

X  

B4864 Datasheet(PDF) 1 Page - EPCOS

Part # B4864
Description  SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4864 Datasheet(HTML) 1 Page - EPCOS

  B4864 Datasheet HTML 1Page - EPCOS B4864 Datasheet HTML 2Page - EPCOS B4864 Datasheet HTML 3Page - EPCOS B4864 Datasheet HTML 4Page - EPCOS B4864 Datasheet HTML 5Page - EPCOS B4864 Datasheet HTML 6Page - EPCOS B4864 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IF Filters for Narrowband Cellular Phones
Series/Type:
B4864
The following products presented in this data sheet are being withdrawn.
Ordering Code
Substitute Product
Date of Withdrawal
Deadline Last
Orders
Last Shipments
B39181B4864Z710
14.06.2006
31.08.2006
30.09.2006
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a
suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.


Similar Part No. - B4864

ManufacturerPart #DatasheetDescription
logo
EPCOS
B48611A5903Q012 EPCOS-B48611A5903Q012 Datasheet
232Kb / 4P
UltraCap, Module, 9F/28V
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4869 EPCOS-B4869 Datasheet
78Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 157,32 MHz
More results

Similar Description - B4864

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4131 EPCOS-B4131 Datasheet
68Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4152 EPCOS-B4152 Datasheet
69Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com