Electronic Components Datasheet Search
  English  ▼

X  

B4864 Datasheet(PDF) 3 Page - EPCOS

Part # B4864
Description  SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4864 Datasheet(HTML) 3 Page - EPCOS

  B4864 Datasheet HTML 1Page - EPCOS B4864 Datasheet HTML 2Page - EPCOS B4864 Datasheet HTML 3Page - EPCOS B4864 Datasheet HTML 4Page - EPCOS B4864 Datasheet HTML 5Page - EPCOS B4864 Datasheet HTML 6Page - EPCOS B4864 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
July 25, 2001
SAW Components
B4864
183,60 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -25˚C ... 75˚C
Terminating source impedance:
ZS = 410 Ω || - 0,4 pF
Terminating load impedance:
ZL = 410 Ω || - 0,4 pF
1) Temperature dependance of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal center frequency
fN
—
183,60
—
MHz
Filter bandwidth
at -5 dB
+-11
62
—
kHz
Minimum insertion attenuation
α
min
—
4,8
6,0
dB
(including losses in the matching network without
loss of the balun)
Group delay ripple (p-p)
∆τ
fN –
13,0 kHz ... fN +
13,0 kHz
—
2,0
10,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN −
11,0 kHz
—
0,5
5
dB
fN +
11,0 kHz
—
0,5
5
dB
fN − 120,0 kHz ... fN −
60,0 kHz
11
30
—
dB
fN +
60,0 kHz ... fN + 120,0 kHz
11
24
—
dB
fN ± 120,0 kHz ... fN ± 130,0 kHz
43
50
—
dB
fN ± 130,0 kHz ... fN ± 360,0 kHz
45
55
—
dB
fN ± 360,0 kHz ... fN ±
1,4 MHz
40
60
—
dB
Impedance within the passband
Input:
ZIN
=
RIN
||
CIN
—
410 || 0,4
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
410 || 0,4
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com