Electronic Components Datasheet Search
  English  ▼

X  

B4865 Datasheet(PDF) 3 Page - EPCOS

Part # B4865
Description  SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4865 Datasheet(HTML) 3 Page - EPCOS

  B4865 Datasheet HTML 1Page - EPCOS B4865 Datasheet HTML 2Page - EPCOS B4865 Datasheet HTML 3Page - EPCOS B4865 Datasheet HTML 4Page - EPCOS B4865 Datasheet HTML 5Page - EPCOS B4865 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
March 06, 2002
SAW Components
B4865
134,04 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30˚C ... 85˚C
Terminating source impedance:
ZS = 850 Ω || - 0,8 pF
Terminating load impedance:
ZL = 850 Ω || - 0,8 pF
1) Temperature dependance of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
134,04
MHz
3 dB Bandwidth
57
kHz
Minimum insertion attenuation
α
min
3,6
4,5
dB
(including losses in the matching network)
Amplitude ripple (p-p)
∆α
fN
10,0 kHz ... fN +
10,0 kHz
0,2
1,5
dB
fN
13,0 kHz ... fN +
13,0 kHz
0,5
3,0
dB
Group delay ripple (p-p)
∆τ
fN
13,0 kHz ... fN +
13,0 kHz
3,5
10,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN ±
60 kHz
14
24
dB
fN ±
120 kHz
40
50
dB
fN ±
240 kHz
50
56
dB
fN ±
330 kHz
55
65
dB
fN ±
480 kHz
55
62
dB
fN ±
660 kHz
55
70
dB
Spurious responses fN ±
480 kHz ... 1 MHz
40
45
dB
Impedance within the passband
Input:
ZIN
=
RIN
||
CIN
850 || 0,8
Ω || pF
Output:
ZOUT = ROUT || COUT
850 || 0,8
Ω || pF
Temperature coefficient of frequency 1)
TCf
– 0,034
ppm/K2
Turnover temperature
T0
—25
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com