Electronic Components Datasheet Search
  English  ▼

X  

B4865 Datasheet(PDF) 4 Page - EPCOS

Part # B4865
Description  SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4865 Datasheet(HTML) 4 Page - EPCOS

  B4865 Datasheet HTML 1Page - EPCOS B4865 Datasheet HTML 2Page - EPCOS B4865 Datasheet HTML 3Page - EPCOS B4865 Datasheet HTML 4Page - EPCOS B4865 Datasheet HTML 5Page - EPCOS B4865 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
March 06, 2002
SAW Components
B4865
134,04 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Test matching networks to 50
Ω (element values depend on pcb layout)
a) Unbalanced - unbalanced matching network
b) Balanced - balanced matching network
Ls1 = 220 nH
Cp2 = 3,9 pF
Cp3 = 3,9 pF
Ls4 = 180 nH
Cs1 =Cs3 =15 pF
Lp1 = 150 nH
Lp2 = 150 nH
Cs2 =Cs4 = 15 pF
Note :
The balanced - balanced network is realized using TOKO 1:1 baluns B5FL. The insertion attenu-
ation of each balun is 0,6 dB at fN. The loss of the baluns is not included in the specified filter
insertion attenuation.
The level of ultimate suppression may be limited by electromagnetic feedthrough depending on
the layout of the pcb and the arrangement of the matching components.
The above mentioned characteristics can be realized either in balanced or in unbalanced mode
of operation.
For more details see our application note
PCB Layout for Highly Selective IF Filters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com