Electronic Components Datasheet Search
  English  ▼

X  

B4908 Datasheet(PDF) 2 Page - EPCOS

Part # B4908
Description  SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4908 Datasheet(HTML) 2 Page - EPCOS

  B4908 Datasheet HTML 1Page - EPCOS B4908 Datasheet HTML 2Page - EPCOS B4908 Datasheet HTML 3Page - EPCOS B4908 Datasheet HTML 4Page - EPCOS B4908 Datasheet HTML 5Page - EPCOS B4908 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Jan 22, 2001
SAW Components
B4908
158,55 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC8B
Features
q
Low-loss IF filter for mobile telephone, transmit
path
q
Low amplitude ripple
q
Usable passbands 1,3 MHz
q
Balanced and unbalanced operation possible
q
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
2
Input
3
Input
6
Output
7
Output
4,8
Case - Ground
1,5
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4908
B39161-B4908-Z810
C61157-A7-A46
F61074-V8037-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
0V
Source power
PIN
10
dBm
source impedance 50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com