Electronic Components Datasheet Search
  English  ▼

X  

B4908 Datasheet(PDF) 3 Page - EPCOS

Part # B4908
Description  SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4908 Datasheet(HTML) 3 Page - EPCOS

  B4908 Datasheet HTML 1Page - EPCOS B4908 Datasheet HTML 2Page - EPCOS B4908 Datasheet HTML 3Page - EPCOS B4908 Datasheet HTML 4Page - EPCOS B4908 Datasheet HTML 5Page - EPCOS B4908 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 22, 2001
SAW Components
B4908
158,55 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -40 to +85 ˚C
Terminating source impedance:
ZS = 470 Ω || 470 nH, single ended (pin 3)
Terminating load impedance:
ZL = 470 Ω || 680 nH, balanced
min.
typ.
max.
Center frequency
fc
158,55
MHz
Maximum insertion attenuation
α
max
157,90
...
159,20 MHz
2,5
3,0
dB
Amplitude ripple in passband (p-p)
∆α
157,90
...
159,20 MHz
0,5
1,0
dB
Phase linearity deviation
∆φ
157,90
...
159,20 MHz
0,6
1,5
˚rms
Attenuation
α
min
0,00
...
130,00 MHz
50
55
dB
130,00
...
139,00 MHz
40
52
dB
139,00
...
151,55 MHz
30
39
dB
165,55
...
178,00 MHz
14
16
dB
178,00
...
475,00 MHz
35
40
dB
475,00
...
1000,00 MHz
45
70
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com