Electronic Components Datasheet Search
  English  ▼

X  

SDA667 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA667
Description  40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA667 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA667 Datasheet HTML 1Page - Solid States Devices, Inc SDA667 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics 5/ (per leg)
SYMBOL
UNITS
MAX
Reverse Leakage Current
(Rated VR, 300 µs pulse minimum )
IR2
µµµµµA
60
5
µµµµµA
IR1
Reverse Leakage Current
(Rated VR, TA = 100oC, 300 µs pulse minimum )
Instantaneous Forward Voltage Drop
(300 - 500
µsec pulse)
1.15
1.30
Vdc
VF1
VF2
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
250
nsec
SOLID STATE DEVICES, INC.
SDA667
Series
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
Peak Reverse Voltage
(IR = 100 µA)
Vdc
BVR
-
-
-
-
-
-
-
-
620
820
1020
SDA667JF
SDA667KF
SDA667MF
MIN
Isolation Resistance (All Terminals in Common to Case)
(V = 1500V)
RISO
-
M
100
IF = 3A
IF = 9A
NOTES:
1/ Rating Applies to the Total Bridge
2/ Derate Linerly at 0.35A/oC for TC > 55
oC.
3/ Other Termination available. Contact Factory
4/ For Package Outline and Part Availability,
Contact Factory.
5/ All Electrical Characteristics @25oC,
unless otherwises specified.
.25
2x .37 (=.74)
.26
1.000
.250
.37
.60
.80
.750
1.500
2x #6-32 UNC-2A
.20 DEEP
+
--
AC
AC
AC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com