Electronic Components Datasheet Search
  English  ▼

X  

SDA667 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA667
Description  40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA667 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA667 Datasheet HTML 1Page - Solid States Devices, Inc SDA667 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
40A / 600 - 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
FAST RECOVERY
250 NS MAX
SDA667
Series
• Up to 1000 V Blocking Voltage
• Average Output Current 40 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Baseplate for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Baseplate
• TX and TXV & S Level Screening Available
• Fast Recovery Time (250ns), Ultrafast (70ns) versions
available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
40
Amps
Io
Average Rectified Forward Current 1/, 2/
(Resistive load, 60Hz, Sine Wave, TC = 55oC)
250
Amps
IFSM
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, TA = 25oC)
Maximum Thermal Resistance 1/
Junction to Case
0.85
oC/W
0JC
oC
-65 TO +150
175
TOP & Tstg
TJ
Operating and Storage Temperature
Maximum Junction Temperature
600
800
1000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0022A
"J"
"K"
"M"
SDA667
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SDA667 M F T- Terminal: T = Turret
L = Lug
Part Number /Ordering Information
Speed:
F = Fast
Voltage: J =
600V
K = 800V
M = 1000V
Available Part Numbers: 4/
SDA667JF, SDA667KF, SDA667MF


Similar Part No. - SDA667

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669J SSDI-SDA669J Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669J SSDI-SDA669J Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669K SSDI-SDA669K Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA667

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167HC SSDI-SDA167HC Datasheet
45Kb / 2P
33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA116 SSDI-SDA116 Datasheet
45Kb / 2P
25A / 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA560 SSDI-SPA560 Datasheet
153Kb / 2P
22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com