Electronic Components Datasheet Search
  English  ▼

X  

EV0045 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV0045
Description  5W - 30W Class D Mono Bridged Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0045 Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV0045 Datasheet HTML 1Page - Monolithic Power Systems EV0045 Datasheet HTML 2Page - Monolithic Power Systems EV0045 Datasheet HTML 3Page - Monolithic Power Systems EV0045 Datasheet HTML 4Page - Monolithic Power Systems EV0045 Datasheet HTML 5Page - Monolithic Power Systems EV0045 Datasheet HTML 6Page - Monolithic Power Systems EV0045 Datasheet HTML 7Page - Monolithic Power Systems EV0045 Datasheet HTML 8Page - Monolithic Power Systems EV0045 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP7731 – 5W – 30W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7731 Rev. 1.8
www.MonolithicPower.com
3
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS
Circuit of Figure 1, VDD = 16.5V, VEN = 5V, RL = 4Ω, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
700
µA
Quiescent Current
28
mA
f=1KHz, THD+N=10%
30
W
Power Output
f=1KHz, THD+N=10%,
RL=8Ω
17
W
POUT=1W, f=1KHz
0.2
%
THD+ Noise
POUT=1W, f=1KHz, RL=8Ω
0.1
%
f=1KHz, POUT=10W
85
%
Efficiency
f=1KHz, POUT=10W, RL=8Ω
88
%
Maximum Power Bandwidth
20
KHz
Dynamic Range
90
dB
Noise Floor
A-Weighted
370
µV
Power Supply Rejection
f=1KHz
60
dB
Note:
4) The device is not guaranteed to function outside its operating rating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com