Electronic Components Datasheet Search
  English  ▼

X  

EV0045 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV0045
Description  5W - 30W Class D Mono Bridged Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0045 Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV0045 Datasheet HTML 1Page - Monolithic Power Systems EV0045 Datasheet HTML 2Page - Monolithic Power Systems EV0045 Datasheet HTML 3Page - Monolithic Power Systems EV0045 Datasheet HTML 4Page - Monolithic Power Systems EV0045 Datasheet HTML 5Page - Monolithic Power Systems EV0045 Datasheet HTML 6Page - Monolithic Power Systems EV0045 Datasheet HTML 7Page - Monolithic Power Systems EV0045 Datasheet HTML 8Page - Monolithic Power Systems EV0045 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP7731
5W - 30W Class D Mono
Bridged Audio Amplifier
MP7731 Rev. 1.8
www.MonolithicPower.com
1
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7731 is a mono, 5W - 30W Class D Audio
Amplifier. It is one of MPS’ second generation of
fully integrated audio amplifiers which dramatically
reduces solution size by integrating the following:
Start Up / Shut Down Pop Elimination
Short Circuit Protection Circuits
180mΩ Power MOSFETs
Mute / Standby Mode
The MP7731 utilizes a full bridge output structure
capable of delivering 5W - 30W into 4
Ω
speakers. As in all other MPS Class D Audio
Amplifiers, this device exhibits the high fidelity
of a Class AB amplifier with an efficiency of
90%. The circuit is based on the MPS’ proprietary
variable frequency topology Analog Adaptive
Modulation (AAM
™, Patent No. 6,420,930; other
patents pending) that delivers excellent PSRR,
fast response time and operates on a single
power supply.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0045
4.8cm x 3.0cm x 1.5cm
FEATURES
30W into 4Ω with VDD = 16.5V
90% Efficiency at 5W
Amplifies Full Audio Range with Low THD+N
Typical = 0.1%
9.5V to 18V Supply Voltage Operation
Full Bridge Output Drive
4 Integrated 180mΩ Switches
Turn On / Turn Off Click and Pop Suppression
Integrated Short Circuit Protection
Integrated Thermal shutdown
Mute / Standby Mode
APPLICATIONS
• Flat Panel LCD and PDP Displays
• Notebook and Multimedia Computers
• Televisions
• Home Stereos
• DVD and VCD Players
• Game Devices and Systems
• Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP7731
NC
PIN1
NIN1
AGND1
NC
EN1
NIN2
PIN2
AGND2
EN2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND1
SW1
VDD1
BS1
NC
PGND2
SW2
VDD2
BS2
NC
AUDIO IN+
+
VCC
VCC
-
+
VCC
VCC
VCC
EN
AUDIO IN-
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
100M
10
50
1
OUTPUT POWER (W)
THD+N vs Output Power
f=1kHz


Similar Part No. - EV0045

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0045 MPS-EV0045 Datasheet
291Kb / 6P
Compact 25W Class D Stereo Bridged Audio Amplifier
More results

Similar Description - EV0045

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8685 CHAMP-CM8685 Datasheet
516Kb / 7P
5W MONO CLASS D PLUSTM AUDIO AMPLIFIER
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Monolithic Power System...
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com