Electronic Components Datasheet Search
  English  ▼

X  

SAA2003H Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SAA2003H
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003H Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SAA2003H Datasheet HTML 18Page - NXP Semiconductors SAA2003H Datasheet HTML 19Page - NXP Semiconductors SAA2003H Datasheet HTML 20Page - NXP Semiconductors SAA2003H Datasheet HTML 21Page - NXP Semiconductors SAA2003H Datasheet HTML 22Page - NXP Semiconductors SAA2003H Datasheet HTML 23Page - NXP Semiconductors SAA2003H Datasheet HTML 24Page - NXP Semiconductors SAA2003H Datasheet HTML 25Page - NXP Semiconductors SAA2003H Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
May 1994
22
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
The codec internal settings register is shown in Table 19.
Table 19 Codec internal settings register formats.
Table 20 Codec status register formats.
BITS
DESCRIPTION
ENCODING/DECODING
15 to 12
bit rate index
encoding only
11 and 10
sample frequency
encoding only
9
decode mode
encoding and decoding
8
external FS256
encoding and decoding
7
2 channel mono
encoding only
6
mute sub-band filters
encoding and decoding
5
external master I2S
encoding and decoding
4
select channel I/II
decoding only
3 and 2
transparent bits
encoding only
1 and 0
emphasis indication
encoding only
BITS
DESCRIPTION
ENCODING/DECODING
15 to 12
bit rate index
encoding and decoding
11 and 10
sample frequency
encoding and decoding
9
ready-to-receive
encoding and decoding
8
not used
−
7 and 6
sub-band mode
encoding and decoding
5
synchronization
decoding only
4
clock OK
encoding and decoding
3 and 2
transparent bits
encoding and decoding
1 and 0
emphasis indication
encoding and decoding
16
first channel identification
−
17 to 31
first channel peak level; LSB first
−
32
second channel identification
−
33 to 47
second channel peak level; LSB first
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com