Electronic Components Datasheet Search
  English  ▼

X  

MP8103 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8103
Description  Dual Ultra Low Power 1.8V, 600kHz Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8103 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8103 Datasheet HTML 1Page - Monolithic Power Systems MP8103 Datasheet HTML 2Page - Monolithic Power Systems MP8103 Datasheet HTML 3Page - Monolithic Power Systems MP8103 Datasheet HTML 4Page - Monolithic Power Systems MP8103 Datasheet HTML 5Page - Monolithic Power Systems MP8103 Datasheet HTML 6Page - Monolithic Power Systems MP8103 Datasheet HTML 7Page - Monolithic Power Systems MP8103 Datasheet HTML 8Page - Monolithic Power Systems MP8103 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP8103 – DUAL ULTRA LOW POWER, 1.8V, 600KHz OP AMP
MP8103 Rev. 0.9
www.MonolithicPower.com
3
8/9/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1
OUT1 Output of First Op-Amp..
2
IN1-
Inverting Input of First Op-Amp.
3
IN1+
Non-Inverting Input of First Op-Amp.
4
V-
Ground or Supply Return Pin.
5
IN2+
Non-Inverting Input of Second Op-Amp.
6
IN2-
Inverting Input of Second Op-Amp.
7
OUT2 Output of Second Op-Amp.
8
V+
Supply Voltage.
TEST CIRCUITS
--
+
V-
U1
V+
RF(+Av)
Notes: Close S3 for positive gain. Input signal to RF(+Av) connector.
The gain Av = 1 + RFB/RIN.
For unity gain, remove RIN and short RFB.
Open S3 for negative gain. Input signal to RF(-Av) connector.
The gain Av = -RFB/RIN.
S1 and S2 are switches for possible resistor and capacitor load
connections.
RF(--Av)
VOUT
RFB
1/2 MP8103
RL
CL
S1
S3
S2
Figure 1—AC Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com