Electronic Components Datasheet Search
  English  ▼

X  

MP8103 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8103
Description  Dual Ultra Low Power 1.8V, 600kHz Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8103 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8103 Datasheet HTML 1Page - Monolithic Power Systems MP8103 Datasheet HTML 2Page - Monolithic Power Systems MP8103 Datasheet HTML 3Page - Monolithic Power Systems MP8103 Datasheet HTML 4Page - Monolithic Power Systems MP8103 Datasheet HTML 5Page - Monolithic Power Systems MP8103 Datasheet HTML 6Page - Monolithic Power Systems MP8103 Datasheet HTML 7Page - Monolithic Power Systems MP8103 Datasheet HTML 8Page - Monolithic Power Systems MP8103 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP8103 – DUAL ULTRA LOW POWER, 1.8V, 600KHz OP AMP
MP8103 Rev. 0.9
www.MonolithicPower.com
5
8/9/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, unless otherwise noted.
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
COMMON MODE VOLTAGE (V)
SUPPLY VOLTAGE (V)
5
4
3
2
1
0
30
0
6
12
18
24
Output Voltage vs.
Output Current
Sourcing
Output Voltage vs
Output Current
Sinking
Short Circuit Current vs
Supply Voltage
Sourcing
Short Circuit Current vs
Supply Voltage
Sinking
5
4
3
2
1
0
30
0
6
12
18
24
20
16
12
8
4
0
2.5
0.5
0.9
1.3
1.7
2.1
20
16
12
8
4
0
2.5
0.5
0.9
1.3
1.7
2.1
1.2
0.8
0.4
0
-0.4
-0.8
5
01234
240
160
80
0
-80
-160
5
01234



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com