Electronic Components Datasheet Search
  English  ▼

X  

XR19L402 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR19L402
Description  TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L402 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR19L402 Datasheet HTML 17Page - Exar Corporation XR19L402 Datasheet HTML 18Page - Exar Corporation XR19L402 Datasheet HTML 19Page - Exar Corporation XR19L402 Datasheet HTML 20Page - Exar Corporation XR19L402 Datasheet HTML 21Page - Exar Corporation XR19L402 Datasheet HTML 22Page - Exar Corporation XR19L402 Datasheet HTML 23Page - Exar Corporation XR19L402 Datasheet HTML 24Page - Exar Corporation XR19L402 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
XR19L402
21
REV. 1.0.0
TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
3.0 UART INTERNAL REGISTERS
The L402 has a set of configuration registers selected by address lines A0, A1 and A2 with CS# asserted. The
complete register set is shown on Table 7 and Table 8.
TABLE 7: UART INTERNAL REGISTERS
ADDRESSES
REGISTER
READ/WRITE
COMMENTS
16C550 COMPATIBLE REGISTERS
0 0 0
RHR - Receive Holding Register
THR - Transmit Holding Register
Read-only
Write-only
LCR[7] = 0
0 0 0
DLL - Divisor LSB
Read/Write
LCR[7] = 1, LCR
≠ 0xBF
0 0 1
DLM - Divisor MSB
Read/Write
0 1 0
DLD - Divisor Fractional
Read/Write
LCR[7] = 1, LCR
≠ 0xBF,
EFR[4] = 1
0 0 0
DREV - Device Revision Code
Read-only
DLL, DLM
= 0x00,
LCR[7] = 1, LCR
≠ 0xBF
0 0 1
DVID - Device Identification Code
Read-only
0 0 1
IER - Interrupt Enable Register
Read/Write
LCR[7] = 0
0 1 0
ISR - Interrupt Status Register
FCR - FIFO Control Register
Read-only
Write-only
LCR
≠ 0xBF
0 1 1
LCR - Line Control Register
Read/Write
1 0 0
MCR - Modem Control Register
Read/Write
LCR
≠ 0xBF
1 0 1
LSR - Line Status Register
Read-only
1 1 0
MSR - Modem Status Register
Read-only
1 1 1
SPR - Scratch Pad Register
Read/Write
LCR
≠ 0xBF, FCTR[6] = 0
1 1 1
FLVL - RX/TX FIFO Level Counter Register
Read-only
LCR
≠ 0xBF, FCTR[6] = 1
1 1 1
EMSR - Enhanced Mode Select Register
Write-only
ENHANCED REGISTERS
0 0 0
TRG - RX/TX FIFO Trigger Level Register
FC - RX/TX FIFO Level Counter Register
Write-only
Read-only
LCR = 0xBF
0 0 1
FCTR - Feature Control Register
Read/Write
0 1 0
EFR - Enhanced Function Register
Read/Write
1 0 0
Xon-1 - Xon Character 1
Read/Write
1 0 1
Xon-2 - Xon Character 2
Read/Write
1 1 0
Xoff-1 - Xoff Character 1
Read/Write
1 1 1
Xoff-2 - Xoff Character 2
Read/Write
A2 A1 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com