Electronic Components Datasheet Search
  English  ▼

X  

XR19L402 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR19L402
Description  TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L402 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR19L402 Datasheet HTML 5Page - Exar Corporation XR19L402 Datasheet HTML 6Page - Exar Corporation XR19L402 Datasheet HTML 7Page - Exar Corporation XR19L402 Datasheet HTML 8Page - Exar Corporation XR19L402 Datasheet HTML 9Page - Exar Corporation XR19L402 Datasheet HTML 10Page - Exar Corporation XR19L402 Datasheet HTML 11Page - Exar Corporation XR19L402 Datasheet HTML 12Page - Exar Corporation XR19L402 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
XR19L402
9
REV. 1.0.0
TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
Beyond the general 16C550 features and capabilities, the L402 offers enhanced feature registers just like the
XR16V2751, namely, EFR, Xon/Xoff 1, Xon/Xoff 2, FCTR, TRG, EMSR and FC that provide Xon/Xoff software
flow control, FIFO trigger level control and FIFO level counters. All the register functions are discussed in full
detail later in “Section 3.0, UART INTERNAL REGISTERS” on page 21.
2.7
INT (IRQ#) Output
The interrupt output changes according to the operating mode and enhanced features setup. Table 3 and
Table 4 below summarize the operating behavior for the transmitter and receiver in the Intel and Motorola
modes. Also see Figures 18 through 21.
TABLE 3: INT (IRQ#) PIN OPERATION FOR TRANSMITTER
FCR BIT-0 = 0 (FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INT Pin
(I/M# = 1)
0 = one byte in THR
1 = THR empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO empty
IRQ# Pin
(I/M# = 0)
1 = one byte in THR
0 = THR empty
1 = FIFO above trigger level
0 = FIFO below trigger level or FIFO empty
TABLE 4: INT (IRQ#) PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INT Pin
(I/M# = 1)
0 = no data
1 = 1 byte
0 = FIFO below trigger level
1 = FIFO above trigger level
IRQ# Pin
(I/M# = 0)
1 = no data
0 = 1 byte
1 = FIFO below trigger level
0 = FIFO above trigger level
2.8
Crystal or External Clock Input
The L402 includes an on-chip oscillator (XTAL1 and XTAL2) to generate a clock when a crystal is connected
between the XTAL1 and XTAL2 pins of the device. Alternatively, an external clock can be supplied through the
XTAL1 pin. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock input and XTAL2 pin is the bufferred output which can be used as a clock signal for
other devices in the system. Please note that the input XTAL1 is not 5V tolerant and therefore, the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com