Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2354
Description  2A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2354_06 Datasheet HTML 2Page - Monolithic Power Systems MP2354_06 Datasheet HTML 3Page - Monolithic Power Systems MP2354_06 Datasheet HTML 4Page - Monolithic Power Systems MP2354_06 Datasheet HTML 5Page - Monolithic Power Systems MP2354_06 Datasheet HTML 6Page - Monolithic Power Systems MP2354_06 Datasheet HTML 7Page - Monolithic Power Systems MP2354_06 Datasheet HTML 8Page - Monolithic Power Systems MP2354_06 Datasheet HTML 9Page - Monolithic Power Systems MP2354_06 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2354 can be optimized for a wide range of
capacitance and ESR values.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the upper transistor M1 is off.
Use a Schottky diode to reduce losses due to
the diode forward voltage and recovery times.
Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum load current.
Table 2 provides the Schottky diode part
numbers based on the maximum input voltage
and current rating.
Table 2—Schottky Rectifier Selection Guide
2A Load Current
VIN (Max)
Part Number
Vendor
(5)
15V
30BQ015
4
B220
1
SK23
6
20V
SR22
6
20BQ030
4
B230
1
SK23
6
SR23
3, 6
26V
SS23
2, 3
Note:
5) Refer to Table 3 for Rectifier Manufacturers
Table 3—Schottky Diode Manufacturers
#
Vendor
Web Site
1 Diodes, Inc.
www.diodes.com
2 Fairchild Semiconductor
www.fairchildsemi.com
3 General Semiconductor
www.gensemi.com
4 International Rectifier
www.irf.com
5 On Semiconductor
www.onsemi.com
6 Pan Jit International
www.panjit.com.tw
Compensation
MP2354 employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal transconductance
error amplifier. A series capacitor-resistor
combination sets a pole-zero combination to
control the characteristics of the control system.
The DC gain of the voltage feedback loop is
given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
Where AVEA is the error amplifier voltage gain,
400V/V;
GCS
is
the
current
sense
transconductance, 1.95A/V; RLOAD is the load
resistor value.
The system has two poles of importance. One
is due to the compensation capacitor (C3) and
the output resistor of error amplifier, and the
other is due to the output capacitor and the load
resistor. These poles are located at:
VEA
EA
1
P
A
3
C
2
G
f
×
×
π
=
LOAD
2
P
R
2
C
2
1
f
×
×
π
=
Where
GEA
is
the
error
amplifier
transconductance, 770µA/V.
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
3
R
3
C
2
1
f 1
Z
×
×
π
=
Smaller fZ1 provides more phase margin, but
longer transient settling time. A trade-off has to
be made between the stability and the transient
response. A typical value is less than one-fourth
of the crossover frequency.
The system may have another zero of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
ESR
R
2
C
2
1
f
×
×
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com