Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2354
Description  2A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2354_06 Datasheet HTML 2Page - Monolithic Power Systems MP2354_06 Datasheet HTML 3Page - Monolithic Power Systems MP2354_06 Datasheet HTML 4Page - Monolithic Power Systems MP2354_06 Datasheet HTML 5Page - Monolithic Power Systems MP2354_06 Datasheet HTML 6Page - Monolithic Power Systems MP2354_06 Datasheet HTML 7Page - Monolithic Power Systems MP2354_06 Datasheet HTML 8Page - Monolithic Power Systems MP2354_06 Datasheet HTML 9Page - Monolithic Power Systems MP2354_06 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP2354 – 2A, 23V, 380KHz STEP-DOWN CONVERTER
MP2354 Rev. 1.4
www.MonolithicPower.com
9
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
In this case, a third pole set by the
compensation
capacitor
(C6)
and
the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f 3
P
×
×
π
=
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important. Lower crossover frequencies result
in slower line and load transient responses,
while higher crossover frequencies could cause
system unstable. A good rule of thumb is to set
the crossover frequency to approximately one-
tenth of the switching frequency. Switching
frequency for the MP2354 is 380KHz, so the
desired crossover frequency is around 38KHz.
Table 4 lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors.
The values of the compensation components
have
been
optimized
for
fast
transient
responses
and
good
stability
at
given
conditions.
Table 4—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L1
C2
R3
C3
C6
2.5V
10µH
min.
22µF
Ceramic
5.6kΩ 4.7nF
None
3.3V
15µH
min.
22µF
Ceramic
7.5kΩ 3.3nF
None
5V
15µH
min.
22µF
Ceramic
11kΩ
2.2nF
None
12V
22µH
min.
22µF
Ceramic
27kΩ
1nF
None
2.5V
10µH
min.
560µF Al.
30mΩ ESR
140kΩ
1nF
120pF
3.3V
15µH
min.
560µF Al
30mΩ ESR
187kΩ
1nF
82pF
5V
15µH
min.
470µF Al.
30mΩ ESR
237kΩ
1nF
56pF
12V
22µH
min.
220µF Al.
30mΩ ESR
267kΩ
1nF
22pF
To optimize the compensation components for
conditions not listed in Table 4, the following
procedure can be used.
1) Choose the compensation resistor (R3) to
set the desired crossover frequency. Determine
the R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
2) Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, to less than one
forth of the crossover frequency provides
sufficient phase margin. Determine the C3
value by the following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where R3 is the compensation resistor value.
3) Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the 380KHz switching
frequency, or the following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero.
Determine the C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com