Electronic Components Datasheet Search
  English  ▼

X  

XR68C192IV Datasheet(PDF) 31 Page - Exar Corporation

Part # XR68C192IV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192IV Datasheet(HTML) 31 Page - Exar Corporation

Back Button XR68C192IV Datasheet HTML 25Page - Exar Corporation XR68C192IV Datasheet HTML 26Page - Exar Corporation XR68C192IV Datasheet HTML 27Page - Exar Corporation XR68C192IV Datasheet HTML 28Page - Exar Corporation XR68C192IV Datasheet HTML 29Page - Exar Corporation XR68C192IV Datasheet HTML 30Page - Exar Corporation XR68C192IV Datasheet HTML 31Page - Exar Corporation XR68C192IV Datasheet HTML 32Page - Exar Corporation XR68C192IV Datasheet HTML 33Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
XR68C92/192
31
Rev. 1.33
1
D
D
1
A
A
1
D
D
1
D
3
B
A
2
B
1
e
Seat ing Plane
D
2
244
D
3
C
R
45° x H
2
45° x H
1
P ACKAGE OUTLINE DRAW ING
44LEAD PLASTIC LEADED CHIP CARRIER
(PL CC)
SY MBOL
MIN
MA X
MIN
MA X
INCHES
MILLIMETERS
A
R
H
2
H
1
e
D
3
D
2
D
1
D
C
B
1
B
A
2
A
1
4.57
1.14
1.22
1.42
16.00
16.66
17.65
0.32
0.81
0.53
------
3.05
4.19
0.64
1.07
1.07
1.27BSC
12.70 ty p
14.99
16.51
17.40
0.19
0.66
0.33
0.51
2.29
0.180
0.045
0.048
0.056
0.630
0.656
0.695
0.013
0.032
0.021
-----
0.120
0.165
0.025
0.042
0.042
0.50 BSC
0.500 ty p
0.590
0.650
0.685
0.008
0.026
0.013
0.020
0.090
Note: The c ontrol dimens ion is the inc h c olumn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com