Electronic Components Datasheet Search
  English  ▼

X  

PS1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS1
Description  PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENTECH INTERNATIONAL LTD
Grangestone Industrial Estate, Girvan, Ayrshire KA26 9PS, United Kingdom
Telephone: +44 (0) 1465-713581. Fax: +44 (0) 1465 714974
Email: sales@gentech-international.co.uk
Website: www.gentechinternational.com
Data Sheet Ref. PS1/2-DS-1000-R1
21
(0.83)
Installation
Please contact Sales at Gentech for installation instructions (Ref. FI 1000-R1)
Applications
Please contact Sales at Gentech for applications relating to this product group.
3.75
(0.15)
5
(0.2)
R1.6
(0.06)
28.5
(1.12)
21
(0.83)
3.75
(0.15)
5
(0.2)
28.5
(1.12)
Lead wires
can be fitted
either end
6.4
(0.25)
3.3
(0.13)
6.4
(0.25)
3.3
(0.13)
D2
D1
D1
1
3
Maximum operate distance (all models)
D1 = 10mm (0.39)
D2 = 3mm (0.12)
MODES OF
OPERATION
1 Side by side
2 End to end
3 Magnetic shunt
Recommended mounting screw:
Pan head self tapping screw
No.4 x 9.5mm (0.37) long
2
PS1/PM1 & PS2/PM2 (UL LISTING)
Magnet Unit
Sensor Unit
R1.6
(0.06)
PM102 MAGNET
6.25
(0.25)
16
(0.63)
6.4
(0.25)
28.5
(1.12)
R1.6
(0.06)
3.3
(0.13)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com