Electronic Components Datasheet Search
  English  ▼

X  

PS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS1
Description  PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching, Sensing and Control Solutions
from GENTECH INTERNATIONAL LTD
Grangestone Industrial Estate, Girvan, Ayrshire KA26 9PS, United Kingdom
Telephone: +44 (0) 1465-713581. Fax: +44 (0) 1465 714974
Email: sales@gentech-international.co.uk
Website: www.gentechinternational.com
Operational Characteristics
Switch Option
01
02
03
Contact Configuration
SPST(NO)
SPST(NC)
SPDT
Contact ratings
Maximum (resistive loads)
Volts DC
500
130
130
Volts AC
250
100
100
Amps
1.0
0.3
0.3
Watts
15
3
3
Minimum breakdown voltage
across contacts
Volts
800
200
200
Initial contact resistance
Ohms
0.15
0.2
0.2
Temperature Range
Operate and Storage
Magnet and Sensor
-30º to +105ºC
Cable insulation
-30º to +70ºC
The above contact ratings are for resistive loads. For inductive, capacitive and tungsten filament lamp loads refer to the circuit protection notebook.
Environmental Specifications
The Gentech PS1 and PS2 Series of
magnetic reed switch position sensors
provide reliability and a robust construction
suitable for dirty, oily, greasy, wet and
similarly harsh environments. Operated by a
similarly packaged (PM Series) magnet, the
combination is suitable for direct magnet or
shunt operation. PS Series position sensors
meet a wide variety of application needs in
security and safety systems, office
equipment, fluid level sensing and
management, construction plant, the
automotive and many other industries.
PS1/PM1
& PS2/PM2 SERIES
POSITION
SENSORS
DESIGN
FEATURES
q
Normally open, normally
closed or changeover
contact options
q
UL listed models,
PS2/PM2 range, file
no.E153493
q
Robust potted assembly
in glass filled Nylon 6.6
UL 94-HB housing
q
Cost effective, easy to
install. Termination leads
can be left or right
handed to suit individual
requirements
q
Proven reed switch
reliability, contact ratings
up to 100Vdc, 15watts
TYPICAL
APPLICATIONS
q
Security switches
q
Interlocked switches
q
Pulse generation
q
Position indicators
q
Materials handling
q
Hook switches
PS1 Range Switch Option 01 & 02 are fitted with 2 x 0.5 metre of 24AWG, 7/0.2mm stranded, with PVC insulation.
PS1 Range Switch Option 03 is fitted with 3 x 0.5 metre of 24AWG, 7/0.2mm stranded, with PVC insulation.
PS2 Range Switch Option 01 & 02 are fitted with 2 x 0.5 metre of 20AWG stranded, UL1015 with orange PVC insulation.
PS2 Range Switch Option 03 is fitted with 3 x 0.5 metre of 24AWG stranded, UL1569 with black, yellow & blue PVC insulation.
Electrical Connections


Similar Part No. - PS1

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
PS1 HELLERMANNTYTON-PS1 Datasheet
167Kb / 1P
Cable Protection Systems
October 2015
logo
List of Unclassifed Man...
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
logo
ABB
PS1-2-0 ABB-PS1-2-0 Datasheet
65Kb / 1P
Manual Motor Starters Accessories
PS1-2-0-65 ABB-PS1-2-0-65 Datasheet
65Kb / 1P
Manual Motor Starters Accessories
PS1-2-1-65 ABB-PS1-2-1-65 Datasheet
65Kb / 1P
Manual Motor Starters Accessories
More results

Similar Description - PS1

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
PM1-SERIES
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
PM1-SERIES
P6CG PEAK-P6CG_14 Datasheet
134Kb / 2P
PM2-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
PM1-SERIES
P6LG PEAK-P6LG_14 Datasheet
135Kb / 2P
PM2-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
PM1-SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com