Electronic Components Datasheet Search
  English  ▼

X  

FSXXXQR Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # FSXXXQR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FSXXXQR Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button FSXXXQR Datasheet HTML 24Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 25Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 26Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 27Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 28Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 29Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 30Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 31Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
SECTION 1
HPS FUSION™
Group a
Group B
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 75 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 75 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
output
amps
overall
dimensions
mounting
Centers
mounting
slot
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
fs50aCp
0.42/0.21
2.7
6.4
3.33
1.66
4.16
0.22 x 0.44
3.0
100
100
fs100aCp
0.83/0.42
3.09
6.3
3.6
2.05
3.5
0.22 x 0.44
4.2
150
150
fs150aCp
1.25/0.63
3.09
6.9
3.6
2.05
4.1
0.22 x 0.44
5.3
250
160
fs250aCp
2.08/1.04
3.9
6.6
4.3
2.52
3.9
0.22 x 0.44
7.6
350
250
fs350aCp
2.92/1.46
3.9
7
4.3
2.52
4.3
0.22 x 0.44
8.7
500
300
fs500aCp
4.17/2.08
4.6
7.2
4.6
3.3
4.5
0.31 x 0.81
13.3
750
500
fs750aCp
6.25/3.13
5.6
7.6
5.1
4
4.9
0.31 x 0.81
20.3
1000
650
fs1000aCp
8.33/4.17
5.6
8
5.1
4
5.3
0.31 x 0.81
22.9
1500
1000
fs1500aCp
12.5/6.25
5.6
9.4
5.1
4
6.7
0.31 x 0.81
30.3
2000
1300
fs2000aCp
16.7/8.33
6.6
9.1
6
5.1
5.7
0.31 x 0.81
37.1
3000
2000
fs3000aCp
25.0/12.5
7.8
11.3
6.7
6.3
6.9
0.31 x 0.81
64.0
5000
3000
fs5000aCp
41.7/20.8
9.3
14.9
8
7.1
7.3
0.31 x 0.81
99.7
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
output
amps
overall
dimensions
mounting
Centers
mounting
slot
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
fs50ar
4.17/2.08
2.7
5.8
3.33
1.66
3.58
0.22 x 0.44
2.3
100
100
fs100ar
8.33/4.17
3.09
6.3
3.6
2.05
3.5
0.22 x 0.44
4.2
150
150
fs150ar
12.5/6.25
3.09
6.7
3.6
2.05
3.9
0.22 x 0.44
4.8
250
160
fs250ar
20.8/10.4
3.9
6.2
4.3
2.52
3.5
0.22 x 0.44
6.4
350
250
fs350ar
29.2/14.6
3.9
6.8
4.3
2.52
4.1
0.22 x 0.44
8.3
500
300
fs500ar
41.7/20.8
4.6
6.8
4.1
3.3
4.5
0.31 x 0.81
11.8
B
C
A
E
D
G x H
60 Hertz
primary Voltage:
600
575
550
secondary Voltage: 12 X 24
11.5 X 23
11 X 22
60 Hertz
primary Voltage:
600/480
575/460
550/440
secondary Voltage: 120 X 240
115 X 230
110 X 220
56
Data subject to change without notice.
© Hammond power solutions Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com