Electronic Components Datasheet Search
  English  ▼

X  

FSXXXQR Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # FSXXXQR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FSXXXQR Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button FSXXXQR Datasheet HTML 28Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 29Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 30Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 31Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 32Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 33Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 34Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 35Page - List of Unclassifed Manufacturers FSXXXQR Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SECTION 1
HPS FUSION™
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
output
amps
overall
dimensions
mounting
Centers
mounting
slot
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
fs50sp
0.42/0.21
2.7
5.9
3.33
1.66
3.69
0.22 x 0.44
2.4
100
100
fs100sp
0.83/0.42
3.09
6.1
3.6
2.05
3.35
0.22 x 0.44
3.9
150
150
fs150sp
1.25/0.63
3.09
6.9
3.6
2.05
4.1
0.22 x 0.44
5.2
250
160
fs250sp
2.08/1.04
3.9
6.6
4.3
2.52
3.9
0.22 x 0.44
7.7
350
250
fs350sp
2.92/1.46
3.9
7.2
4.3
2.52
4.9
0.22 x 0.44
9.5
500
300
fs500sp
4.17/2.08
4.6
7.2
4.6
3.3
4.5
0.31 x 0.81
13.3
750
500
fs750sp
6.25/3.13
5.6
7.2
5.1
4
4.5
0.31 x 0.81
18.2
1000
650
fs1000sp
8.33/4.17
5.6
8
5.1
4
5.3
0.31 x 0.81
22.5
1500
1000
fs1500sp
12.5/6.25
6.6
8.5
6
5.1
5.1
0.31 x 0.81
30.1
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
output
amps
overall
dimensions
mounting
Centers
mounting
slot
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
fs50sr
4.17/2.08
2.7
5.9
3.33
1.66
3.69
0.22 x 0.44
2.4
100
100
fs100sr
8.33/4.17
3.09
6.1
3.6
2.05
3.35
0.22 x 0.44
4
150
150
fs150sr
12.5/6.25
3.09
6.9
3.6
2.05
4.1
0.22 x 0.44
5.2
250
160
fs250sr
20.8/10.4
3.9
6.6
4.3
2.52
3.9
0.22 x 0.44
7.7
350
250
fs350sr
29.2/14.6
3.9
7.2
4.3
2.52
4.9
0.22 x 0.44
9.5
500
300
fs500sr
41.7/20.8
4.6
7.2
4.6
3.3
4.5
0.31 x 0.81
13.3
Group I
Group J
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 79 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 79 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
B
C
A
E
D
G x H
50/60 Hertz
primary Voltage:
208 X 416
200 X 400
190 X 380
secondary Voltage: 120 X 240
115 X 230
110 X 220
50/60 Hertz
primary Voltage:
208 X 416
200 X 400
190 X 380
secondary Voltage: 12 X 24
11.5 X 23
11 X 22
60
Data subject to change without notice.
© Hammond power solutions Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com