Electronic Components Datasheet Search
  English  ▼

X  

PS11348 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS11348
Description  Duplex Fibre Patchcords
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS11348 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS11348 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Duplex Fibre Patchcords
Page <2>
22/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patchcord, Fibre, Duplex, SC-ST, OS1
Specifications
Port A
Port B
Connector Type
SC/SM
ST/SM
Connector Body
Material
Plastic
Zn Alloy
Colour
Blue
-
Connector Boot
Material
Plastic
Plastic
Colour
Red and Black
Red and Black
Patchcord Length (Metre)
Customized
Optical Cable
Fibre Type
OS1 9 / 125 um
Fibre Count
2
Outer Sheath
LSZH
Cable Outer Diameter
2 × 2 mm
Strength Member
DuPont Kevlar
Outer Sheath
LSZH
Cable Colour
Yellow
Ferrule
Diameter
2.5 mm
2.5 mm
Type
SM/PC
SM/PC
Material
ZrO2 (Ceramic)
ZrO2 (Ceramic)
Connection at Cable
Crimp
Crimp
Connection at Fibre
353ND Glue
353ND Glue
Connection at Adapter
Plug - In
Twist - Lock Bayonet
Polishing
UPC
UPC
Insertion Loss (dB)
< 0.3
< 0.3
Return Loss (dB)
> 50
> 50
Dimensions : Millimetres



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com