Electronic Components Datasheet Search
  English  ▼

X  

PS11348 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS11348
Description  Duplex Fibre Patchcords
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS11348 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS11348 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS11348 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Duplex Fibre Patchcords
Page <1>
22/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patchcord, Fibre, Duplex, ST-ST, OS1
Specifications
Port A
Port B
Connector Type
ST/SM
ST/SM
Connector Body
Material
Zn Alloy
Zn Alloy
Colour
-
-
Connector Boot
Material
Plastic
Plastic
Colour
Red and Black
Red and Black
Patchcord Length (Metre)
Customized
Optical Cable
Fibre Type
OS1 9 / 125 um
Fibre Count
2
Outer Sheath
LSZH
Cable Outer Diameter
2 × 2 mm
Strength Member
DuPont Kevlar
Outer Sheath
LSZH
Cable Colour
Yellow
Ferrule
Diameter
2.5 mm
2.5 mm
Type
SM/PC
SM/PC
Material
ZrO2 (Ceramic)
ZrO2 (Ceramic)
Connection at Cable
Crimp
Crimp
Connection at Fibre
353ND Glue
353ND Glue
Connection at Adapter
Twist - Lock Bayonet
Twist - Lock Bayonet
Polishing
UPC
UPC
Insertion Loss (dB)
< 0.3
< 0.3
Return Loss (dB)
> 50
> 50
Dimensions : Millimetres


Similar Part No. - PS11348

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
3-Channel Secondary Monitoring IC
logo
Pro-Signal
PS11304 PROSIGNAL-PS11304 Datasheet
280Kb / 2P
PSG90809
V1.0 30/05/16
PS11305 PROSIGNAL-PS11305 Datasheet
280Kb / 2P
PSG90809
V1.0 30/05/16
PS11306 PROSIGNAL-PS11306 Datasheet
280Kb / 2P
PSG90809
V1.0 30/05/16
PS11307 PROSIGNAL-PS11307 Datasheet
280Kb / 2P
PSG90809
V1.0 30/05/16
More results

Similar Description - PS11348

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
Cordsets and Patchcords
889N-F4AE-6F ALLEN-BRADLEY-889N-F4AE-6F Datasheet
38Kb / 1P
Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
Cordsets and Patchcords
889M-F12AH-2 ALLEN-BRADLEY-889M-F12AH-2 Datasheet
34Kb / 1P
Cordsets and Patchcords
889D-F4AC-2 ALLEN-BRADLEY-889D-F4AC-2 Datasheet
36Kb / 1P
Cordsets and Patchcords
logo
Richco, Inc.
OFDS-1 RICHCO-OFDS-1 Datasheet
52Kb / 1P
OPTICAL FIBRE DUPLEX SPLITTER
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
Duplex Fibre Patchcords
logo
Molex Electronics Ltd.
1060340100 MOLEX-1060340100 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 127關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060343000 MOLEX-1060343000 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 3.00mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060343100 MOLEX-1060343100 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com