Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/003 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/003
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/003 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PBHT-80/2/003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
38
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BSSM
M
M
MW
W
surge current-proof 3 kA, type G (ÖVE E 8601)
Max. nominal current of PLS./I∆n (A) Type designation
Article-No.
Units per package
2
2-p
po
olle
e
40/0,03
PBSM-402/003-G
262422
1 / 20
3
3-p
po
olle
e
40/0,03
PBSM-403/003-G
262552
1 / 20
4
4-p
po
olle
e
40/0,03
PBSM-404/003-G
262577
2 / 20
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BSSM
M
M
MW
W
selective and surge current-proof 5 kA, type S
Max. nominal current of PLS./I∆n (A) Type designation
Article-No.
Units per package
2
2-p
po
olle
e
40/0,10
40/0,30
40/1,00
63/0,10
63/0,30
63/1,00
PBSM-402/01-S
262423
1 / 20
PBSM-402/03-S
262424
1 / 20
PBSM-402/1-S
262425
1 / 20
PBSM-632/01-S
262534
1 / 20
PBSM-632/03-S
262535
1 / 20
PBSM-632/1-S
262536
1 / 20
3
3-p
po
olle
e
40/0,10
40/0,30
40/1,00
63/0,10
63/0,30
63/1,00
PBSM-403/01-S
262553
1 / 20
PBSM-403/03-S
262554
1 / 20
PBSM-403/1-S
262555
1 / 20
PBSM-633/01-S
262565
1 / 20
PBSM-633/03-S
262566
1 / 20
PBSM-633/1-S
262567
1 / 20
4
4-p
po
olle
e
40/0,10
40/0,30
40/1,00
63/0,10
63/0,30
63/1,00
PBSM-404/01-S
262586
2 / 20
PBSM-404/03-S
262587
2 / 20
PBSM-404/1-S
262588
2 / 20
PBSM-634/01-S
262603
2 / 20
PBSM-634/03-S
262605
2 / 20
PBSM-634/1-S
262607
2 / 20
E
Exxp
plla
an
na
attiio
on
n P
PB
BSSM
M::
P
P =
= X
XP
Po
olle
e,, B
BSS =
= A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt o
on
ntto
o P
PLLSS..
WA_SG11702
WA_SG11802
WA_SG11902
WA_SG11702
WA_SG11802
WA_SG11902
Protective Devices
SG_Bestell_MV_E.qxd
25.04.2005
09:39
Seite 38



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com