Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/003 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/003
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/003 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PBHT-80/2/003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 9Page - List of Unclassifed Manufacturers PBHT-80/2/003 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
41
Protective Devices
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BH
HT
T
Selective + surge current-proof 5 kA, type S/A
I
n/I
∆n (A)
Type Designation
Article No.
Units per package
4
4-p
po
olle
e
80/0.30
80/0.50
80/1.00
125/0.30
125/0.50
125/1.00
PBHT-80/4/03-S/A
248830
1 / 4
PBHT-80/4/05-S/A
248833
1 / 4
PBHT-80/4/1-S/A
248836
1 / 4
PBHT-125/4/03-S/A
248811
1 / 4
PBHT-125/4/05-S/A
248814
1 / 4
PBHT-125/4/1-S/A
248817
1 / 4
wa_sg1101 / WA_SG0301
Accessories for residual current protection unit PBHT
Operational voltage range V~
Type Designation
Article No.
Units per package
SSh
hu
un
ntt ttrriip
p rre
elle
ea
asse
e
110-415
12-60
Z-BHASA/230
248445
8
Z-BHASA/24
248444
8
SG9998
E
Exxp
plla
an
na
attiio
on
n P
PB
BH
HT
T::
P
P =
= X
XP
Po
olle
e,, B
BH
HT
T =
= A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt o
on
ntto
o P
PLLH
HT
T
SG_Bestell_MV_E.qxd
25.04.2005
09:40
Seite 41



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com