Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/05
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PBHT-80/2/05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
37
Protective Devices
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BSSM
M
M
MW
W
conditionally surge-current-proof 250 A, type AC
Max. nominal current of PLS./I∆n (A) Type designation
Article-No.
Units per package
2
2-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/0,50
40/1,00
63/0,03
63/0,10
63/0,30
63/0,5
63/1,00
PBSM-402/003
262323
1 / 20
PBSM-402/01
262324
1 / 20
PBSM-402/03
262325
1 / 20
PBSM-402/05
262326
1 / 20
PBSM-402/1
262327
1 / 20
PBSM-632/003
262426
1 / 20
PBSM-632/01
262427
1 / 20
PBSM-632/03
262428
1 / 20
PBSM-632/05
262429
1 / 20
PBSM-632/1
262431
1 / 20
3
3-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/0,50
40/1,00
63/0,03
63/0,10
63/0,30
63/0,5
63/1,00
PBSM-403/003
262537
1 / 20
PBSM-403/01
262538
1 / 20
PBSM-403/03
262539
1 / 20
PBSM-403/05
262541
1 / 20
PBSM-403/1
262542
1 / 20
PBSM-633/003
262556
1 / 20
PBSM-633/01
262557
1 / 20
PBSM-633/03
262558
1 / 20
PBSM-633/05
262559
1 / 20
PBSM-633/1
262560
1 / 20
4
4-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/0,50
40/1,00
63/0,03
63/0,10
63/0,30
63/0,5
63/1,00
PBSM-404/003
262568
2 / 20
PBSM-404/01
262569
2 / 20
PBSM-404/03
262570
2 / 20
PBSM-404/05
262571
2 / 20
PBSM-404/1
262572
2 / 20
PBSM-634/003
262590
2 / 20
PBSM-634/01
262591
2 / 20
PBSM-634/03
262592
2 / 20
PBSM-634/05
262595
2 / 20
PBSM-634/1
262596
2 / 20
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BSSM
M
M
MW
W
conditionaly surge-current-proof, 250 A, sensitive to residual pulsating DC, type
2
2-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/1,00
63/0,03
63/0,10
63/0,30
63/1,00
PBSM-402/003-A
262328
1 / 20
PBSM-402/01-A
262329
1 / 20
PBSM-402/03-A
262420
1 / 20
PBSM-402/1-A
262421
1 / 20
PBSM-632/003-A
262530
1 / 20
PBSM-632/01-A
262531
1 / 20
PBSM-632/03-A
262532
1 / 20
PBSM-632/1-A
262533
1 / 20
3
3-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/1,00
63/0,03
63/0,10
63/0,30
63/1,00
PBSM-403/003-A
262543
1 / 20
PBSM-403/01-A
262544
1 / 20
PBSM-403/03-A
262545
1 / 20
PBSM-403/1-A
262546
1 / 20
PBSM-633/003-A
262561
1 / 20
PBSM-633/01-A
262562
1 / 20
PBSM-633/03-A
262563
1 / 20
PBSM-633/1-A
262564
1 / 20
4
4-p
po
olle
e
40/0,03
40/0,10
40/0,30
40/1,00
63/0,03
63/0,10
63/0,30
63/1,00
PBSM-404/003-A
262573
2 / 20
PBSM-404/01-A
262574
2 / 20
PBSM-404/03-A
262575
2 / 20
PBSM-404/1-A
262576
2 / 20
PBSM-634/003-A
262597
2 / 20
PBSM-634/01-A
262598
2 / 20
PBSM-634/03-A
262600
2 / 20
PBSM-634/1-A
262602
2 / 20
E
Exxp
plla
an
na
attiio
on
n P
PB
BSSM
M::
P
P =
= X
XP
Po
olle
e,, B
BSS =
= A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt o
on
ntto
o P
PLLSS
WA_SG11702
WA_SG11802
WA_SG11902
WA_SG11702
WA_SG11802
WA_SG11902
SG_Bestell_MV_E.qxd
25.04.2005
09:39
Seite 37



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com