Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/05 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/05
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/05 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PBHT-80/2/05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 9Page - List of Unclassifed Manufacturers PBHT-80/2/05 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
590
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BH
HT
T
• By combination with miniature circuit breaker PLHT => RCBO-Unit (MCCB)
• Add-on residual current unit (screw connection) for 80 or 125 A
(2-pole and 4-pole)
• High flexibility and ease of installation thanks to variable wiring (400 mm
flexible connection wires 2p = 2 units, 4p = 4 units included in the set)
• Free selection of main power supply
• Auxiliary switch 1 NO included as standard in all PBHT versions
• Permits combinations with a variety of characteristics thanks to the different
rated currents and characteristics of the miniature circuit breakers PLHT
which can be connected
• For trade and industry applications
• For subsequent mounting onto 2, 3, 3+N and 4-pole-miniature circuit break-
ers PLHT
• Toggle (serves as switch position- and tripping indicator)
• The screw connection to the PLHT-device can be unscrewed at any time.
Consequently, in case of modifications of the systems to be protected, the
installation can be adapted to new requirements at any time.
A
Acccce
esssso
orriie
ess::
Flexible connection wires (connection to PLHT) are included in the standard
set:
2-pole 80A
2 x 16mm2 (400mm each)
4-pole 80A
4 x 16mm2 (400mm each)
2-pole 125A
2 x 35mm2 (400mm each)
4-pole 125A
4 x 35mm2 (400mm each)
E
Elle
eccttrriicca
all
Design according to
IEC/EN 60947-2
Current test marks as printed onto the device
C
Cu
urrrre
en
ntt ffllo
ow
w p
pa
atth
hss
Rated voltage U
e
230/400 V AC
Operational voltage range
196-440 V
Rated frequency
50 Hz
Rated current I
n
80 A, 125 A
Rated tripping current I∆n
30, 300, 500, 1000 mA
Rated non-tripping current I∆no
0.5 I∆n
Sensitivity
AC and pulsating DC
Tripping characteristic
instantaneous 250A (8/20µ),
surge current-proof;
Type S 40 ms delay 6kA (8/20µ)
with selective disconnecting
function,
surge current-proof
Rated service short circuit breaking capacity I
cn same as connected PLHT
Rated ultimate circuit breaking capacity I
cu same as connected PLHT
Rated fault short circuit breaking capacity I∆/n
= I
cu
Rated peak withstand voltage U
imp
4 kV (1.2/50µ)
Endurance mechanical comp.
PBHT-80
>10000
PBHT-125
>8000
Endurance electrical comp.
PBHT-80
>1500
PBHT-125
>1000
A
Au
uxxiilliia
arryy C
Co
on
ntta
acctt
Utilisation category AC15
Rated voltage U
e
250 V AC
Rated operational current I
e
16 A AC
M
Me
ecch
ha
an
niicca
all
Frame size
45 mm
Device height
90 mm
Device width
95 mm (5,5MU)
Depth of central body
60 mm
Mounting
screwed onto PLHT
2-, 3-, 4-pole; PBHT-ASA
Upper and lower terminals
lift terminals
Terminal protection
finger and hand touch safe,
BGV A3, ÖVE-EN 6
Terminal capacity
Main conductor
2.5 - 50 mm2
Auxiliary switch
1 - 25 mm2
Degree of protection, built-in
IP40
Permissible ambient temperature range
-25°C to +40°C
Resistance to climatic conditions
acc. to IEC 60068-2
(25...55°C/90...95% relative
humidity)
Dimensions (mm)
PBHT/2p + PLHT/2p
PBHT/4p + PLHT/3p+N
PBHT/4p + PLHT/3p
PBHT/4p + PLHT/4p
Connection diagrams
2-pole
4-pole
Technical Data
Protective Devices
SG_Technik_MV_E.qxd
25.04.2005
10:48
Seite 590



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com