Electronic Components Datasheet Search
  English  ▼

X  

GMA103AS8R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GMA103AS8R
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA103AS8R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GMA103AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
OPERATOR 1 (Independent op- amp)
V
+ = +5V, V
= Ground, V
= 1.4V, Tamb = 25°C (unless otherwise specified)
CC
CC
O
Parameter
Symbol
Min.
Typ.
Max.
Unit
V
IO
A
vd
I
sink
V
OL
SR
GBP
THD
V
OH
DV
IO
I
IO
I
IB
SVR
CMR
I
source
I
o
V
icm
0.5
50
25
10
27
27
7
2
20
100
85
40
60
3
5
mV
V/ mV
mV
V/ µs
Mhz
%
V
µV/ °C
nA
nA
dB
dB
mA
mA
V
Input Offset Voltage
Tamb= 25°C
Tmin.
Tamb
Tmax.
Large Signal Voltage Gain
V
= 15V, R = 2K, V = 1.4V to 11.4V
CC
L
O
Tmin.
Tamb
Tmax.
Output Current Sink
V = -1V
id
V
= +15V, V = 2V
CC
O
Low Level Output Voltage
R = 10K
L
Tmin.
Tamb
Tmax.
Slew Rate at Unity Gain
V = 0.5 to 3V, V
= 15V
iCC
R = 2K, C = 100pF, unity gain
LL
Gain Bandwidth Product
V
= 30V, R = 2K,
CC
L
C = 100pF, f= 100kHz, V = 10mV
LIN
Total Harmonic Distortion
f= 1kHz
A = 20dB, R = 2K, V
= 30V
VL
CC
C = 100pF, V = 2V
LO
pp
High Level Output Voltage
V
+= 30V
CC
Tamb= 25°C, R = 10K
L
Tmin.
Tamb
Tmax.
Input Offset Current
Input Offset Current
Tmin.
Tamb
Tmax.
30
50
150
200
Input Bias Current
Tmin.
Tamb
Tmax.
Supply Voltage Rejection Ration
V
= 5V to 30V
CC
Input Common Mode Voltage Range
V
= +30V (Note 1)
CC
Tmin.
Tamb
Tmax.
100
20
5
0.2
0.5
28
65
70
60
20
40
0
0
(V
+) -1.5
CC
(V
+) -2
CC
Common Mode Rejection Ratio
Tmin.
Tamb
Tmax.
Output Current Source
V
= +15V, V = 2V, V = +1V
CC
O
id
Short Circuit Ground
V
= +15V
CC
20
20
0.4
0.9
0.02
Note 1: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V.
The upper end of the common-mode voltage range is V
+ - 1.5V.
CC
But either of both inputs can go to +36V without damage.
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com