Electronic Components Datasheet Search
  English  ▼

X  

GMA103AS8R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GMA103AS8R
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA103AS8R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GMA103AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
VOLTAGE REFERENCE
Parameter
Symbol
Value
Unit
I
K
mA
Cathode Current
Parameter
Symbol
Min.
Typ.
Max.
Unit
V
ref
DVref
I
min
||
Z
KA
2.5
5
0.5
0.2
2.51
2.52
24
1
0.5
V
mV
mA
W
Reference Input Voltage
Tamb= 25°C
Tmin.
Tamb
Tmax.
Reference Input Voltage Deviation Over Temperature Range
V
= V , I = 10mA
KA
ref
K
Tmin.
Tamb
Tmax.
Minimum Cathode Current for Regulation
V= V
KA
ref
Dynamic Impedance (Note 1)
V
= V , DI = 1 to 100mA, f < 1kHz
KA
ref
K
1 to 100
2.49
2.48
Note 1: The dynamic impedance is defined as |
| = DV/ DI
KA
K
Z
KA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com